Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7020R Datasheet(PDF) 100 Page - STMicroelectronics

Part # M7020R
Description  32K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7020R Datasheet(HTML) 100 Page - STMicroelectronics

Back Button M7020R Datasheet HTML 96Page - STMicroelectronics M7020R Datasheet HTML 97Page - STMicroelectronics M7020R Datasheet HTML 98Page - STMicroelectronics M7020R Datasheet HTML 99Page - STMicroelectronics M7020R Datasheet HTML 100Page - STMicroelectronics M7020R Datasheet HTML 101Page - STMicroelectronics M7020R Datasheet HTML 102Page - STMicroelectronics M7020R Datasheet HTML 103Page - STMicroelectronics M7020R Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 150 page
background image
M7020R
100/150
The following is the sequence of operation for a
single 272-bit SEARCH command (see COM-
MAND CODES AND PARAMETERS, page 29).
– Cycle A: The host ASIC drives the CMDV high
and applies SEARCH command code ('10') on
CMD[1:0] signals. CMD[5:3] signals must be
driven with the index to the GMR pair used for
bits [271:136] of the data being searched.
DQ[67:0] must be driven with the 68-bit data
([271:204])to be compared to all locations “0” in
the four 68-bit-word page. The CMD[2] signal
must be driven to logic '1.'
Note: CMD[2] = 1 signals that the search is a
x272-bit search. CMD[8:7] is ignored in this cy-
cle.
– Cycle B: The host ASIC continues to drive the
CMDV high and applies SEARCH command
('10') on CMD[1:0]. The DQ[67:0] is driven with
the 68-bit data ([203:136]) to be compared to all
locations '1' in the four 68-bits-word page.
– Cycle C: The host ASIC drives the CMDV high
and applies SEARCH command code ('10') on
CMD[1:0] signals. CMD[5:3] signals must be
driven with the index to the GMR pair used for
the bits [135:0] of the data being searched.
CMD[8:7] signals must be driven with the bits
that
will
be
driven
by
this
device
on
SADR[21:20] if it has a hit. DQ[67:0] must be
driven with the 68-bit data ([135:68]) to be com-
pared to all locations “2” in the four 68-bit-word
page. The CMD[2] signal must be driven to logic
'0.'
– Cycle D: The host ASIC continues to drive the
CMDV high and continues to apply SEARCH
command code ('10') on CMD[1:0]. CMD[8:6]
signals must be driven with the index of the SSR
that will be used for storing the address of the
matching entry and the Hit Flag (see SEARCH-
Successful Registers (SSR[0:7]), page 23). The
DQ[67:0] is driven with the 68-bit data ([67:0]) to
be compared to all locations “3” in the four 68-
bit-word page. CMD[5:2] is ignored because the
LEARN Instruction is not supported for x272 ta-
bles.
Note: For 272-bit searches, the host ASIC must
supply four distinct 68-bit data words on
DQ[67:0] during Cycles A, B, C, and D. The
GMR Index in Cycle A selects a pair of GMRs in
each of the 31 devices that apply to DQ data in
Cycles A and B. The GMR Index in Cycle C se-
lects a pair of GMRs in each of the 31 devices
that apply to DQ data in Cycles C and D.
The logical 272-bit SEARCH operation is as
shown in Figure 73, page 103. The entire table of
272-bit entries is compared to a 272-bit word K
that is presented on the DQ Bus in Cycles A, B, C,
and D of the command using the GMR and local
mask bits. The GMR is the 272-bit word specified
by the two pairs of GMRs selected by the GMR In-
dexes in the command’s Cycles A and C in each
of the 31 devices. The 272-bit word K that is pre-
sented on the DQ Bus in Cycles A, B, C, and D of
the command is compared to each entry in the ta-
ble starting at location “0.” The first matching en-
try’s location address, “L,” is the winning address
that is driven as part of the SRAM address on the
SADR[21:0] lines (see SRAM ADDRESSING,
page 126).
Note: The matching address is always going to be
location “0” in a four-entry page for 272-bit search
(two LSBs of the matching index will be '00').
The SEARCH command is a pipelined operation
and executes a search at one-fourth the rate of the
frequency of CLK2X for 272-bit searches in x272-
configured tables. The latency of SADR, CE_L,
ALE_L, WE_L, SSV, and SSF from the 272-bit
SEARCH command (measured in CLK cycles)
from the CLK2X cycle that contains Cycles C and
D shown in Table 47, page 115.
The latency of a SEARCH from command to
SRAM access cycle is 6 for only a single device in
the table and TLSZ = 10. In addition, SSV and SSF
shift further to the right for different values of
HLAT, as specified in Table 48, page 115
The 272-bit SEARCH operation is pipelined and
executes as follows:
– Four cycles from the last cycle of the SEARCH
command each of the devices knows the out-
come internal to it for that operation.
– In the fifth cycle from the SEARCH command,
the devices in a block (which is less than or
equal to eight devices resolving the winner with-
in them using an LHI[6:0] and LHO[1:0] signal-
ling mechanism) arbitrate for a winner.
– In the sixth cycle after the SEARCH command,
the blocks of devices resolve the winning block
through a BHI[2:0] and BHO[2:0] signalling
mechanism. The winning device within the win-
ning block is the global winning device for the
SEARCH operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com