Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7020R Datasheet(PDF) 23 Page - STMicroelectronics

Part # M7020R
Description  32K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7020R Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M7020R Datasheet HTML 19Page - STMicroelectronics M7020R Datasheet HTML 20Page - STMicroelectronics M7020R Datasheet HTML 21Page - STMicroelectronics M7020R Datasheet HTML 22Page - STMicroelectronics M7020R Datasheet HTML 23Page - STMicroelectronics M7020R Datasheet HTML 24Page - STMicroelectronics M7020R Datasheet HTML 25Page - STMicroelectronics M7020R Datasheet HTML 26Page - STMicroelectronics M7020R Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 150 page
background image
23/150
M7020R
SEARCH-Successful Registers (SSR[0:7])
The device contains eight search successful reg-
isters (SSRs) to hold the index of the location
where a successful search occurred. The format of
each register is described in Table 9. The
SEARCH command specifies which SSR stores
the index of a specific SEARCH command in Cy-
cle B of the SEARCH Instruction. Subsequently,
the host ASIC can use this register to access that
data array, mask array, or external SRAM using
the index as part of the indirect access address
(see Table 19, page 32 and Table 22, page 35)
.
The device with a valid bit set performs a READ or
WRITE operation. All other devices suppress the
operation.
Table 9. SEARCH-Successful Register (SSR) Description
Field
Range
Initial Value
Description
INDEX
[14:0]
X
Index. This is the address of the 68-bit entry where a successful
search occurs. The device updates this field only when a search is
successful. If a hit occurs in a 136-bit entry-size quadrant, the LSB is
’0.’ If a hit occurs in a 272-bit entry size quadrant, the two LSBs are
’00.’ This index updates if the device is either a local or global winner
in a SEARCH operation.
–
[30:15]
0
Reserved.
VALID
[31]
0
Valid. During SEARCH operation in a depth-cascaded configuration,
the device that is a global winner in a match sets this bit to '1.' This bit
updates only when the device is a global winner in a SEARCH
operation.
–
[67:32]
0
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com