Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7020R Datasheet(PDF) 7 Page - STMicroelectronics

Part # M7020R
Description  32K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7020R Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M7020R Datasheet HTML 3Page - STMicroelectronics M7020R Datasheet HTML 4Page - STMicroelectronics M7020R Datasheet HTML 5Page - STMicroelectronics M7020R Datasheet HTML 6Page - STMicroelectronics M7020R Datasheet HTML 7Page - STMicroelectronics M7020R Datasheet HTML 8Page - STMicroelectronics M7020R Datasheet HTML 9Page - STMicroelectronics M7020R Datasheet HTML 10Page - STMicroelectronics M7020R Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 150 page
background image
7/150
M7020R
SRAM READ with a Table of One Device . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 126
Generating an SRAM Bus Address (Table 50.). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 127
SRAM READ Access for One Device (Figure 93.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 127
SRAM READ with a Table of Up to Eight Devices . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 128
Table with Eight Devices (Figure 94.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 129
SRAM READ Through Device 0 in a Block of Eight Devices (Figure 95.). . . . . . . . . . . . . . . . . . . 130
SRAM READ Timing for Device 7 in a Block of Eight Devices (Figure 96.) . . . . . . . . . . . . . . . . . 131
SRAM READ with a Table of Up to 31 Devices . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 132
Table of 31 Devices Made of Four Blocks (Figure 97.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 133
SRAM READ Through Device 0 in a Bank of 31 Devices (Device 0 Timing) (Figure 98.) . . . . . . 134
SRAM READ Through Device 0 in a Bank of 31 Devices (Device 30 Timing) (Figure 99.) . . . . . 135
SRAM WRITE with a Table of One Device . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 136
SRAM WRITE Access for One Device (Figure 100.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 137
SRAM WRITE with a Table of Up to Eight Devices. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 138
Table with Eight Devices (Figure 101.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 139
SRAM WRITE Through Device 0 in a Block of Eight Devices (Figure 102.) . . . . . . . . . . . . . . . . . 140
SRAM WRITE Timing for Device 7 in a Block of Eight Devices (Figure 103.). . . . . . . . . . . . . . . . 141
SRAM WRITE with Table(s) of Up to 31 Devices . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 142
Table of 31 Devices (Four Blocks) (Figure 104.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 143
SRAM WRITE Through Device 0 in a Bank of 31 Devices (Device 0 Timing) (Figure 105.). . . . . 144
SRAM WRITE Through Device 0 in a Bank of 31 Devices (Device 30 Timing) (Figure 106.). . . . 145
JTAG (1149.1) TESTING . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 146
Supported Operations (Table 51.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 146
TAP Device ID Register (Table 52.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 146
PART NUMBERING . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 147
PACKAGE MECHANICAL INFORMATION . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 148
REVISION HISTORY . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com