Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7020R Datasheet(PDF) 8 Page - STMicroelectronics

Part # M7020R
Description  32K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7020R Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M7020R Datasheet HTML 4Page - STMicroelectronics M7020R Datasheet HTML 5Page - STMicroelectronics M7020R Datasheet HTML 6Page - STMicroelectronics M7020R Datasheet HTML 7Page - STMicroelectronics M7020R Datasheet HTML 8Page - STMicroelectronics M7020R Datasheet HTML 9Page - STMicroelectronics M7020R Datasheet HTML 10Page - STMicroelectronics M7020R Datasheet HTML 11Page - STMicroelectronics M7020R Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 150 page
background image
M7020R
8/150
DESCRIPTION
Overview
ST Microelectronics, Inc.’s M7020R Search En-
gine incorporates patent-pending Associative Pro-
cessing Technology™ (APT) and is designed to
be a high-performance, pipelined, synchronous,
32K-entry network database search engine. The
M7020R database entry size can be 68 bits, 136
bits, or 272 bits. In the 68-bit entry mode, the size
of the database is 32K entries. In the 136-bit
mode, the size of the database is 16K entries, and
in the 272-bit mode, the size of the database is 8K
entries. The M7020R is configurable to support
multiple databases with different entry sizes. The
34-bit entry table can be implemented using the
Global Mask Registers (GMRs) building-database
size of 64K entries with a single device.
Performance
The Search Engine can sustain 83 million transac-
tions per second when the database is pro-
grammed or configured as 68 or 136 bits. When
the database is programmed to have an entry size
of 34 or 272 bits, the Search Engine will perform at
41.5 million transactions per second. STM’s
M7020R can be used to accelerate network proto-
cols such as Longest-prefix Match (CIDR), ARP,
MPLS, and other Layer 2, 3, and 4 protocols.
Applications
This high-speed, high-capacity Search Engine can
be deployed in a variety of networking and com-
munications applications. The performance and
features of the M7020R make it attractive in appli-
cations such as Enterprise LAN switches and rout-
ers and broadband switching and/or routing
equipment supporting multiple data rates at OC–
48 and beyond. The Search Engine is designed to
be scalable in order to support network database
sizes to 1984K entries specifically for environ-
ments that require large network policy databases.
Figure 4, page 11 shows the block diagram for the
M7020R device.
Table 1. Product Range
Figure 2. Switch/Router Implementation Using the M7020R
Part Number
Operating
Supply Voltage
Operating I/O
Voltage
Speed
Temperature Range
M7020R-083ZA1
1.8V
2.5 or 3.3V
83MHz
Commercial
M7020R-066ZA1
1.8V
2.5 or 3.3V
66MHz
Commercial
M7020R-050ZA1
1.8V
2.5 or 3.3V
50MHz
Commercial
Progr
am
Memor
y
Switch
Fabric
Switch
Processor
Netw
ork Line
Interf
aces
System
Bus
Host
ASIC
SRAM
Bank
Search
Engine
AI04272



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com