Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7020R Datasheet(PDF) 24 Page - STMicroelectronics

Part # M7020R
Description  32K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7020R Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M7020R Datasheet HTML 20Page - STMicroelectronics M7020R Datasheet HTML 21Page - STMicroelectronics M7020R Datasheet HTML 22Page - STMicroelectronics M7020R Datasheet HTML 23Page - STMicroelectronics M7020R Datasheet HTML 24Page - STMicroelectronics M7020R Datasheet HTML 25Page - STMicroelectronics M7020R Datasheet HTML 26Page - STMicroelectronics M7020R Datasheet HTML 27Page - STMicroelectronics M7020R Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 150 page
background image
M7020R
24/150
The Command Register
Table 10. Command Register Field Descriptions
Field
Range
Initial Value
Description
SRST
[0]
0
Software Reset. If ’1,’ this bit resets the device, with the same effect
as the hardware reset. Internally, it generates a reset pulse lasting for
eight CLK cycles. This bit automatically resets to a ’0’ the reset cycle
has completed.
DEVE
[1]
0
Device Enable. If ’0,’ it keeps the SRAM Bus (SADR, WE_L, CE_L,
OE_L, and ALE_L), SSF, and SSV signals in 3-state condition and
forces the cascade interface output signals LHO[1:0] and BHO[2:0] to
’0.’ It also keeps the DQ Bus in input mode. The purpose of this bit is
to make sure that there are no bus contentions when the devices
power up in the system.
TLSZ
[3:2]
01
Table Size. The host ASIC must program this field to configure the
chips into a table of a certain size. This field affects the pipeline
latency of the SEARCH and LEARN operations as well as the READ
and WRITE accesses to the SRAM (SADR[21:0], CE_L, OE_L,
WE_L, ALE_L, SSV, SSF, and ACK). Once programmed, the search
latency stays constant.
TLSZ
[3:2]
01
Latency in #
of CLK Cycles
00: 1 device
4
01: 2-8 devices
5
10: 9-31 devices
6
11: Reserved
HLAT
[6:4]
000
Latency of Hit Signals. This field adds latency to the SSF and SSV
signals during SEARCH, and ACK signal during SRAM READ access
by the following number of CLK cycles.
000: 0
100: 4
001: 1
101: 5
010: 2
110: 6
011: 3
111: 7
LDEV
[7]
0
Last Device in the Cascade. When set, this device is the last device
on the SRAM bus in the depth-cascaded table and is the default driver
for the SSF and SSV signals.
In the event of a SEARCH failure, the device with this bit set drives the
hit signals as follows:
SSF = 0, SSV = 1
During non-SEARCH cycles, the device with this bit set drives the
signals as follows:
SSF = 0, SSV = 0
LRAM
[8]
0
Last device on this SRAM Bus. When set, this device is the last
device on this SRAM bus in the depth-cascaded table and is the
default driver for the SADR, CE_L, WE_L, and ALE_L signals. In
cycles where no M7020R device in a depth-cascaded table drives
these signals, this device drives the signals as follows:
SADR = 3FFFFF,
CE_L = 1
WE_L = 1
ALE_L = 1
OE_L is always driven by the device for which this bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com