Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7020R Datasheet(PDF) 9 Page - STMicroelectronics

Part # M7020R
Description  32K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7020R Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M7020R Datasheet HTML 5Page - STMicroelectronics M7020R Datasheet HTML 6Page - STMicroelectronics M7020R Datasheet HTML 7Page - STMicroelectronics M7020R Datasheet HTML 8Page - STMicroelectronics M7020R Datasheet HTML 9Page - STMicroelectronics M7020R Datasheet HTML 10Page - STMicroelectronics M7020R Datasheet HTML 11Page - STMicroelectronics M7020R Datasheet HTML 12Page - STMicroelectronics M7020R Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 150 page
background image
9/150
M7020R
Table 2. Signal Names
Note: 1. Signal types are: I = Input only; I/O = Input or Output; O = Output; and T = Tristate
2. “CLK” is an internal clock signal. Any reference to “CLK Cycles” means one cycle of CLK.
3. ACK and EOT Signals require a weak, external pull-down resistor of 47 K
Ω or 100 KΩ.
Symbol
Type(1)
Description
Clocks and Reset
CLK2X
I
Master Clock
PHS_L
I
Phase
TEST
I
Test Input
RST_L
I
Reset
Command and DQ Bus
CMD[8:0]
I
Command Bus
CMDV
I
Command Valid
DQ[67:0]
I/O
Address/Data Bus
ACK(4)
T
READ Acknowledge
EOT(4)
T
End of Transfer
SSF
T
SEARCH Successful Flag
SSV
T
SEARCH Successful Flag
Valid
SRAM Interface
SADR[21:0]
T
SRAM Address
CE_L
T
SRAM Chip Enable
WE_L
T
SRAM Write Enable
OE_L
T
SRAM Output Enable
ALE_L
T
Address Latch Enable
Cascade Interface
LHI[6:0]
I
Local Hit In
LHO[1:0]
O
Local Hit Out
BHI[2:0]
I
Block Hit In
BHO[2:0]
O
Block Hit Out
FULI[6:0]
I
Full In
FULO[1:0]
O
Full Out
FULL
O
Full Flag
Device Identification
ID[4:0]
I
Device Identification
Supplies
VDD
n/a
Chip Core Supply (1.8V)
VDDQ
n/a
Chip I/O Supply (2.5 or
3.3V)
Test Access Port
TDI
I
Test Access Port’s Test
Data In
TCK
I
Test Access Port’s Test
Clock
TDO
T
Test Access Port’s Test
Data Out
TMS
I
Test Access Port’s Test
Mode Select
TRST_L
I
Test Access Port’s Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com