Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7020R Datasheet(PDF) 62 Page - STMicroelectronics

Part # M7020R
Description  32K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7020R Datasheet(HTML) 62 Page - STMicroelectronics

Back Button M7020R Datasheet HTML 58Page - STMicroelectronics M7020R Datasheet HTML 59Page - STMicroelectronics M7020R Datasheet HTML 60Page - STMicroelectronics M7020R Datasheet HTML 61Page - STMicroelectronics M7020R Datasheet HTML 62Page - STMicroelectronics M7020R Datasheet HTML 63Page - STMicroelectronics M7020R Datasheet HTML 64Page - STMicroelectronics M7020R Datasheet HTML 65Page - STMicroelectronics M7020R Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 150 page
background image
M7020R
62/150
Table 31. Latency of SEARCH from Instruction to SRAM Access Cycle, 68-bit, Up to 31 Devices
Table 32. Shift of SSF and SSV from SADR
136-bit Configuration with Single Device
The hardware diagram for this search subsystem
is shown in Figure 41.
Figure 42, page 64 shows the timing diagram for a
SEARCH command in the 136-bit-configured ta-
ble (CFG = 01010101) consisting of a single de-
vice for one set of parameters. This illustration
assumes that the host ASIC has programmed
TLSZ to ’00,’ HLAT to ’001,’ LRAM to ’1,’ and LDEV
to ’1.’
The following is the operation sequence for a sin-
gle 136-bit SEARCH command (refer to COM-
MAND CODES AND PARAMETERS, page 29).
– Cycle A: The host ASIC drives the CMDV high
and applies SEARCH command code ('10') to
CMD[1:0] signals. CMD[5:3] signals must be
driven with the index to the GMR pair for use in
this SEARCH operation. CMD[8:7] signals must
be driven with the same bits that will be driven
on SADR[21:20] by this device if it has a hit.
DQ[67:0] must be driven with the 68-bit data
([135:68]) to be compared against all even loca-
tions. The CMD[2] signal must be driven to logic
'0.'
– Cycle B: The host ASIC continues to drive the
CMDV high and applies the command code of
SEARCH
command
('10')
on
CMD[1:0].
CMD[5:2] must be driven by the index of the
comparand register pair for storing the 136-bit
word presented on the DQ Bus during Cycles A
and B. CMD[8:6] signals must be driven with the
index of the SSR that will be used for storing the
address of the matching entry and Hit Flag (see
SEARCH-Successful
Registers
(SSR[0:7]),
page 23). The DQ[67:0] is driven with 68-bit
data ([67:0]), compared to all odd locations.
Note: For 136-bit searches, the host ASIC must
supply two distinct 68-bit data words on
DQ[67:0] during Cycles A and B. The even-
numbered GMR of the pair specified by the
GMR Index is used for masking the word in Cy-
cle A. The odd-numbered GMR of the pair spec-
ified by the GMR Index is used for masking the
word in Cycle B.
# of devices
Max Table Size
Latency in CLK Cycles
1 (TLSZ = 00)
32K x 68-bit
4
2–8 (TLSZ = 01)
256K x 68-bit
5
9–31 (TLSZ = 10)
992K x 68-bit
6
HLAT
Number of CLK Cycles
000
0
001
1
010
2
011
3
100
4
101
5
110
6
111
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com