Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7020R Datasheet(PDF) 18 Page - STMicroelectronics

Part # M7020R
Description  32K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7020R Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M7020R Datasheet HTML 14Page - STMicroelectronics M7020R Datasheet HTML 15Page - STMicroelectronics M7020R Datasheet HTML 16Page - STMicroelectronics M7020R Datasheet HTML 17Page - STMicroelectronics M7020R Datasheet HTML 18Page - STMicroelectronics M7020R Datasheet HTML 19Page - STMicroelectronics M7020R Datasheet HTML 20Page - STMicroelectronics M7020R Datasheet HTML 21Page - STMicroelectronics M7020R Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 150 page
background image
M7020R
18/150
OPERATION
The following subsections contain command
(CMD and DQ Bus (command and databus), data-
base entry, arbitration logic, pipeline, and SRAM
control, and full logic descriptions.
CMD Bus and DQ Bus
CMD[8:0] carries the CMD and its associated pa-
rameter. DQ[67:0] is used for data transfer to and
from the database entries, which comprise a data
and a mask field that are organized as data and
mask arrays. The DQ Bus carries the SEARCH
data (of the data and mask arrays and internal reg-
isters) during the SEARCH command as well as
the address and data during READ and/or WRITE
operations. The DQ Bus can also carry the ad-
dress information for the flow-through accesses to
the external SRAMs and/or SSRAMs.
Database Entry (Data Array and Mask Array)
Each database entry comprises a data and a mask
field. The resultant value of the entry is ’1,' ’0,’ or
’X (don’t care),’ depending on the value in the data
and mask bits. The on-chip priority encoder se-
lects the first matching entry in the database that
is nearest to location '0.'
Arbitration Logic
When multiple Search Engines are cascaded to
create large databases, the data being searched is
presented to all search engines simultaneously in
the cascaded system. If multiple matches occur
within the cascaded devices, arbitration logic on
the search engines will enable the winning device
(with a matching entry that is closest to address “0”
of the cascaded database) to drive the SRAM bus.
Pipeline and SRAM Control
Pipeline latency is added to give enough time to a
cascaded system’s arbitration logic to determine
the device that will drive the index of the matching
entry on the SRAM bus. Pipeline logic adds laten-
cy to both the SRAM access cycles and the SSF
and SSV signals to align them to the host ASIC re-
ceiving the associated data.
Full Logic
Bit[0] in each of the 68-bit entries has a special
purpose for the LEARN command (0 = empty, 1 =
full). When all the data entries have bit[0] = 1, the
database asserts the FULL Flag, indicating all the
search engines in the depth-cascaded array are
full.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com