Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7020R Datasheet(PDF) 20 Page - STMicroelectronics

Part # M7020R
Description  32K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7020R Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M7020R Datasheet HTML 16Page - STMicroelectronics M7020R Datasheet HTML 17Page - STMicroelectronics M7020R Datasheet HTML 18Page - STMicroelectronics M7020R Datasheet HTML 19Page - STMicroelectronics M7020R Datasheet HTML 20Page - STMicroelectronics M7020R Datasheet HTML 21Page - STMicroelectronics M7020R Datasheet HTML 22Page - STMicroelectronics M7020R Datasheet HTML 23Page - STMicroelectronics M7020R Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 150 page
background image
M7020R
20/150
Full Out (FULO[1:0]). FULO[1] and FULO[0] are
the same logical signal. One of these two signals
must be connected to the FULI of up to four down-
stream devices in a depth-cascaded table. Bit [0]
in the data array indicates if the entry is full (1) or
empty (0).This signal is asserted if all of the bits in
the data array are ’1s.’ Refer to Depth-Cascading
to Generate a “FULL” Signal, page 122.
Full Flag (FULL). When asserted, this signal in-
dicates that the table consisting of many depth-
cascaded devices is full.
Device Identification
Device Identification (ID[4:0]). The
binary-en-
coded device ID for a depth-cascaded system
starts at 00000 and goes up to 11110. 11111 is re-
served for a special broadcast address that se-
lects all cascaded search engines in the system.
On a broadcast READ-only, the device with the
LDEV bit set to '1' responds.
Supplies
Chip Core Supply (VDD). This is equal to 1.8V.
Chip I/O Supply (VDDQ). This is equal to either
2.5 or 3.3V.
Test Access Port
Test Data In (TDI). This is the Test Access Port’s
Test Data In.
Test Clock (TCK). This is the Test Access Port’s
Test Clock.
Test Data Out (TDO). This is the Test Access
Port’s Test Data Out.
Test Mode Select (TMS). This is the Test Ac-
cess Port’s Test Mode Select.
Test Reset (TRST_L). This is the Test Access
Port’s Test Reset.
CLOCKS
The M7020R receives the CLK2X and PHS_L sig-
nals. It uses the PHS_L signal to divide CLK2X
and generate an internal clock (CLK), as shown in
Figure 9. The M7020R uses CLK2X and CLK for
internal operations.
Figure 9. Clocks (CLK2X and PHS_L)
Note: Any reference to “CLK Cycles” means 1 cycle of the signal, “CLK.”
1. “CLK” is an internal signal.
CLK2X
PHS_L
CLK
(1)
AI04750



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com