Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7020R Datasheet(PDF) 27 Page - STMicroelectronics

Part # M7020R
Description  32K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7020R Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M7020R Datasheet HTML 23Page - STMicroelectronics M7020R Datasheet HTML 24Page - STMicroelectronics M7020R Datasheet HTML 25Page - STMicroelectronics M7020R Datasheet HTML 26Page - STMicroelectronics M7020R Datasheet HTML 27Page - STMicroelectronics M7020R Datasheet HTML 28Page - STMicroelectronics M7020R Datasheet HTML 29Page - STMicroelectronics M7020R Datasheet HTML 30Page - STMicroelectronics M7020R Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 150 page
background image
27/150
M7020R
SEARCH ENGINE ARCHITECTURE
The M7020R consists of 32K x 68-bit storage cells
referred to as data bits. There is a mask cell corre-
sponding to each data cell. Figure 12 shows the
three organizations of the device based on the val-
ue of the CFG bits in the command register.
During a SEARCH operation, the search data bit
(S), data array bit (D), mask array bit (M) and the
global mask bit (G) are used in the following man-
ner to generate a match at that bit position (see
Table 15, page 28).
The entry with all matched bit positions results in a
successful search during a SEARCH operation.
In order for a successful search within a device to
make the device the local winner in the SEARCH
operation, all 68-bit positions must generate a
match for a 68-bit entry in 68-bit-configured quad-
rants, or all 136-bit positions must generate a
match for two consecutive even and odd 68-bit en-
tries in quadrants configured as 136 bits, or all
272-bit positions must generate a match for 4 con-
secutive entries aligned to 4 entry-page bound-
aries of 68-bit entries in quadrants configured as
272 bits.
An arbitration mechanism using a cascade bus de-
termines the global winning device among the lo-
cal winning devices in a SEARCH cycle. The
global winning device drives the SRAM Bus, SSV,
and the SSF signals. In case of a SEARCH failure,
the devices with the LDEV and LRAM bits set
drive(s) the SRAM Bus, SSF, and SSV signals.
The M7020R device can be configured to contain
tables of different widths, even within the same
chip. Figure 13, page 28 shows a sample configu-
ration of different widths.
Data and Mask Addressing
Figure 14, page 28 shows the M7020R data array
and mask array addressing procedure.
Figure 12. M7020R Database Width Configuration
Data
Data
Masks
Masks
32 K
CFG = 00000000
CFG = 01010101
CFG = 10101010
68
136
272
16 K
8 K
AI04279



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com