Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7020R Datasheet(PDF) 72 Page - STMicroelectronics

Part # M7020R
Description  32K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7020R Datasheet(HTML) 72 Page - STMicroelectronics

Back Button M7020R Datasheet HTML 68Page - STMicroelectronics M7020R Datasheet HTML 69Page - STMicroelectronics M7020R Datasheet HTML 70Page - STMicroelectronics M7020R Datasheet HTML 71Page - STMicroelectronics M7020R Datasheet HTML 72Page - STMicroelectronics M7020R Datasheet HTML 73Page - STMicroelectronics M7020R Datasheet HTML 74Page - STMicroelectronics M7020R Datasheet HTML 75Page - STMicroelectronics M7020R Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 150 page
background image
M7020R
72/150
Table 36. Latency of SEARCH from Instruction to SRAM Access Cycle, 136-bit, Up to 8 Devices
Table 37. Shift of SSF and SSV from SADR
136-bit Search on Tables Configured as x136 Using Up to 31 M7020R Devices
The hardware diagram of the search subsystem of
31 devices is shown in Figure 49, page 74. Each
of the four blocks in the diagram represents a
block of eight M7020R devices (except the last,
which has seven devices).The diagram for a block
of eight devices is shown in Figure 50, page 75.
Following are the parameters programmed into
the 31 devices.
First thirty devices (devices 0–29):
CFG = 01010101, TLSZ = 10, HLAT = 001,
LRAM = 0, and LDEV = 0.
Thirty-first device (device 30):
CFG = 01010101, TLSZ = 10, HLAT = 001,
LRAM = 1, and LDEV = 1.
Note: All 31 devices must be programmed with the
same value of TLSZ and HLAT. Only the last de-
vice in the table must be programmed with
LRAM = 1 and LDEV = 1 (Device 30 in this case).
All other upstream devices must be programmed
with LRAM = 0 and LDEV = 0 (Devices 0 through
29 in this case).
The timing diagrams referred to in this paragraph
reference the HIT/MISS assumptions defined in
Table 38, page 73. For the purpose of illustrating
timings, it is further assumed that the there is only
one device with a matching entry in each of the
blocks. Figure 52, page 77 shows the timing dia-
gram for a SEARCH command in the 136-bit-con-
figured table (31 devices) for each of the eight
devices in Block 0. Figure 53, page 78 shows the
timing diagram for SEARCH command in the
68-bit-configured table (31 devices) for all the de-
vices in Block 1 above the winning device in that
block. Figure 54, page 79 shows the timing dia-
gram for the globally winning device (the final win-
ner within its own block and all blocks) in Block 1.
Figure 55, page 80 shows the timing diagram for
all the devices below the globally winning device in
Block 1. Figure 56, page 81, Figure 57, page 82,
and Figure 58, page 83 respectively show the tim-
ing diagrams of the devices above globally win-
ning device, the globally winning device and
devices below the globally winning device for
Block 2. Figure 59, page 84, Figure 60, page 85,
Figure 61, page 86, and Figure 62, page 87 re-
spectively show the timing diagrams of the devices
above the globally winning device, the globally
winning device, and devices below the globally
winning device except the last device (Device 30),
and the last device (Device 30) for Block 3.
# of devices
Max Table Size
Latency in CLK Cycles
1 (TLSZ = 00)
16K x 136-bit
4
2–8 (TLSZ = 01)
128K x 136-bit
5
9–31 (TLSZ = 10)
496K x 136-bit
6
HLAT
Number of CLK Cycles
000
0
001
1
010
2
011
3
100
4
101
5
110
6
111
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com