Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7020R Datasheet(PDF) 35 Page - STMicroelectronics

Part # M7020R
Description  32K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7020R Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M7020R Datasheet HTML 31Page - STMicroelectronics M7020R Datasheet HTML 32Page - STMicroelectronics M7020R Datasheet HTML 33Page - STMicroelectronics M7020R Datasheet HTML 34Page - STMicroelectronics M7020R Datasheet HTML 35Page - STMicroelectronics M7020R Datasheet HTML 36Page - STMicroelectronics M7020R Datasheet HTML 37Page - STMicroelectronics M7020R Datasheet HTML 38Page - STMicroelectronics M7020R Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 150 page
background image
35/150
M7020R
Figure 18. Burst WRITE of the Data and Mask Arrays (BLEN = 4)
Table 22. (Single) WRITE Address Format for Data and Mask Arrays or SRAM
Note: 1. “|” stands for Logical OR operation. “{ }” stands for concatenation operator.
DQ
[67:30]
DQ
[29]
DQ
[28:26]
DQ
[25:21]
DQ
[20:19]
DQ
[18:15]
DQ
[14:0]
Reserved
0: Direct
1: Indirect
Successful
SEARCH
Register
Index
(Applicable
if DQ[29] is
indirect)
ID
00: Data
Array
Reserved
If DQ[29] is ’0,’ this field carries the
address of the data array location.
If DQ[29] is ’1,’ the successful
search register specified by
DQ[28:26] supplies the address of
the data array location:
{SSR[14:2], SSR[1] | DQ[1], SSR[0]
| DQ[0]}(1)
Reserved
0: Direct
1: Indirect
Successful
SEARCH
Register
Index
(Applicable
if DQ[29] is
indirect)
ID
01: Mask
Array
Reserved
If DQ[29] is ’0,’ this field carries
address of the mask array location.
If DQ[29] is ’1,’ the successful
search register specified by
DQ[28:26] supplies the address of
the mask array location:
{SSR[14:2], SSR[1] | DQ[1], SSR[0]
| DQ[0]}(1)
Reserved
0: Direct
1: Indirect
Successful
SEARCH
Register
Index
(Applicable
if DQ[29] is
indirect)
ID
10:
External
SRAM
Reserved
If DQ[29] is ’0,’ this field carries
address of the data SRAM location.
If DQ[29] is ’1,’ the successful
search register specified by
DQ[28:26] supplies the address of
the SRAM location:
{SSR[14:2], SSR[1] | DQ[1], SSR[0]
| DQ[0]}(1)
Cycle 1
Cycle 2
Cycle 3
Cycle 4
Cycle 5
Cycle 6
CLK2X
CMDV
CMD[1:0]
EOT
DQ
PHS_L
AI04285
Write
CMD[8:2]
B
A
Address
Data0
Data1
Data2
Data3
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com