Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7020R Datasheet(PDF) 14 Page - STMicroelectronics

Part # M7020R
Description  32K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7020R Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M7020R Datasheet HTML 10Page - STMicroelectronics M7020R Datasheet HTML 11Page - STMicroelectronics M7020R Datasheet HTML 12Page - STMicroelectronics M7020R Datasheet HTML 13Page - STMicroelectronics M7020R Datasheet HTML 14Page - STMicroelectronics M7020R Datasheet HTML 15Page - STMicroelectronics M7020R Datasheet HTML 16Page - STMicroelectronics M7020R Datasheet HTML 17Page - STMicroelectronics M7020R Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 150 page
background image
M7020R
14/150
Figure 5. M7020R 2.5, or 3.3V AC Testing Load
Figure 6. M7020R 2.5, or 3.3V Input Waveform
Figure 7. M7020R 2.5, or 3.3V I/O Output Load Equivalent
Note: 1. Output loading is specified with CL = 5pF as in Figure 7. Transition is measured at ± 200 mV from steady-state voltage.
2. The load used for VOH, VOL testing is shown in Figure 7.
CL
VL = 1.25V for VDDQ = 2.5V
VL = 1.50V for VDDQ = 3.3V
50
Ω
Z0 = 50Ω
DOUT
AC Load
AI05653
+2.5V VDDQ = 2.5V /
+3.0V VDDQ = 3.3V
90%
10%
90%
10%
GND
AI04299
208
Ω for VDDQ = 2.5V
158
Ω for VDDQ = 3.3V
192
Ω for VDDQ = 2.5V
175
Ω for VDDQ = 3.3V
AI04266
5pF
Q
VDDQ
For Hi-Z and VOL/VOH
(1, 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com