Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7020R Datasheet(PDF) 34 Page - STMicroelectronics

Part # M7020R
Description  32K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7020R Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M7020R Datasheet HTML 30Page - STMicroelectronics M7020R Datasheet HTML 31Page - STMicroelectronics M7020R Datasheet HTML 32Page - STMicroelectronics M7020R Datasheet HTML 33Page - STMicroelectronics M7020R Datasheet HTML 34Page - STMicroelectronics M7020R Datasheet HTML 35Page - STMicroelectronics M7020R Datasheet HTML 36Page - STMicroelectronics M7020R Datasheet HTML 37Page - STMicroelectronics M7020R Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 150 page
background image
M7020R
34/150
– Cycle 2: The host ASIC drives the DQ[67:0]
with the data to be written to the data array or
mask array location of the selected device. The
M7020R writes the data from the DQ[67:0] Bus
only to the subfield that has the corresponding
mask bit set to '1' in the global mask register
specified by the index CMD[5:3] and supplied in
Cycle 1.
– Cycles 3 to n + 1: The host ASIC drives the
DQ[67:0] with the data to be written to the next
data array or mask array location (addressed by
the auto-increment ADR field of the WBURREG
register) of the selected device.
The M7020R writes the data on the DQ[67:0]
Bus only to the subfield that has the correspond-
ing mask bit set to '1' in the global mask register
specified by the index CMD[5:3] and supplied in
Cycle 1. The M7020R drives the EOT signal low
from Cycle 3 to Cycle n; the M7020R drives the
EOT signal high in Cycle n + 1 (n is specified in
the BLEN field of the WBURREG).
– Cycle n + 2: The M7020R drives the EOT signal
low. At the termination of the Cycle n + 2, the
M7020R floats the EOT signal to a 3-state, and
a new instruction can begin.
Figure 17. Single Location WRITE Cycle Timing
Cycle 1
Cycle 2
Cycle 3
Cycle 4
Cycle 0
CLK2X
CMDV
CMD[1:0]
DQ
PHS_L
AI04284
Write
CMD[8:2]
B
A
Address
Data
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com