Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7020R Datasheet(PDF) 15 Page - STMicroelectronics

Part # M7020R
Description  32K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7020R Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M7020R Datasheet HTML 11Page - STMicroelectronics M7020R Datasheet HTML 12Page - STMicroelectronics M7020R Datasheet HTML 13Page - STMicroelectronics M7020R Datasheet HTML 14Page - STMicroelectronics M7020R Datasheet HTML 15Page - STMicroelectronics M7020R Datasheet HTML 16Page - STMicroelectronics M7020R Datasheet HTML 17Page - STMicroelectronics M7020R Datasheet HTML 18Page - STMicroelectronics M7020R Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 150 page
background image
15/150
M7020R
Table 5. Capacitance
Note: 1. Effective capacitance measured with power supply. Sampled only, not 100% tested.
2. At 25°C, f = 1MHz.
3. Outputs deselected.
Table 6. DC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = 0 to 70°C; VDD = 1.5V.
Symbol
Parameter
Test Condition(1,2)
Min
Max
Unit
CIN
Input Capacitance
VIN = 0V
6pF
CIO
(3)
Output Capacitance
VOUT = 0V
6pF
Sym
Parameter
Test Condition(1)
Min
Max
Unit
ILI
Input Leakage Current
VDDQ = VDDQ(max), VIN = 0 to VDDQ(max)
±10
µA
ILO
Output Leakage Current
VDDQ = VDDQ(max), VIN = 0 to VDDQ(max)
±10
µA
VIL
Input Low Voltage (VDDQ = 3.3V)
–0.3
0.8
V
VIH Input High Voltage (VDDQ = 3.3V)
2.0
VDDQ + 0.3
V
VIL
Input Low Voltage (VDDQ = 2.5V)
–0.3
0.7
V
VIH Input High Voltage (VDDQ = 2.5V)
1.7
VDDQ + 0.3
V
VOL Output Low Voltage (VDDQ = 3.3V)
VDDQ = VDDQ(min), IOL = 8mA
0.4
V
VOH Output High Voltage (VDDQ = 3.3V)
VDDQ = VDDQ(min), IOH = 8mA
2.4
V
VOL Output Low Voltage (VDDQ = 2.5V)
VDDQ = VDDQ(min), IOL = 8mA
0.4
V
VOH Output High Voltage (VDDQ = 2.5V)
VDDQ = VDDQ(min), IOH = 8mA
2.0
V
IDD1 1.8V Supply Current at VDD(max)
66MHz Search Rate
2300
mA
50MHz Search Rate
1800
mA
IDD2 3.3V Supply Current at VDD(max)
66MHz Search Rate, IOUT = 0mA
200
mA
50MHz Search Rate, IOUT = 0mA
150
mA
IDD2 2.5V Supply Current at VDD(max)
66MHz Search Rate, IOUT = 0mA
160
mA
50MHz Search Rate, IOUT = 0mA
120
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com