Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7020R Datasheet(PDF) 36 Page - STMicroelectronics

Part # M7020R
Description  32K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7020R Datasheet(HTML) 36 Page - STMicroelectronics

Back Button M7020R Datasheet HTML 32Page - STMicroelectronics M7020R Datasheet HTML 33Page - STMicroelectronics M7020R Datasheet HTML 34Page - STMicroelectronics M7020R Datasheet HTML 35Page - STMicroelectronics M7020R Datasheet HTML 36Page - STMicroelectronics M7020R Datasheet HTML 37Page - STMicroelectronics M7020R Datasheet HTML 38Page - STMicroelectronics M7020R Datasheet HTML 39Page - STMicroelectronics M7020R Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 150 page
background image
M7020R
36/150
Table 23. WRITE Address Format for Internal Registers
Table 24. WRITE Address Format for Data and Mask Array (Burst Write)
SEARCH COMMAND
The M7020R (Silicon) Search Engine can be con-
figured in ten ways:
– 68-bit SEARCH on tables configured as x68
using one device
– 68-bit SEARCH on tables configured as x68
using up to 8 devices
– 68-bit SEARCH on tables configured as x68
using up to 31 devices
– 136-bit SEARCH on tables configured as
x136 using one device
– 136-bit SEARCH on tables configured as
x136 using up to 8 devices
– 136-bit SEARCH on tables configured as
x136 using up to 31 devices
– 272-bit SEARCH on tables configured as
x272 using one devices
– 272-bit SEARCH on tables configured as
x272 using up to 8 devices
– 272-bit SEARCH on tables configured as
x272 using up to 31 devices
– Mixed-sizes on tables configured with differ-
ent widths using an M7020R
68-bit Configuration with Single Device
The hardware diagram of the search subsystem of
a single device is shown in Figure 19. Figure 20,
page 38 shows the timing diagram for a SEARCH
operation in the 68-bit configuration (CFG =
00000000) for one set of parameters. This illustra-
tion assumes that the host ASIC has programmed
TLSZ to '00,' HLAT to '000,' LRAM to '1,' and LDEV
to '1' in the command register.
The following is the sequence of operations for a
single 68-bit SEARCH command.
– Cycle A: The host ASIC drives CMDV high and
applies the SEARCH command code ('10') on
CMD[1:0] signals. CMD[5:3] must be driven with
the index to the global mask register pair for use
in the SEARCH operation. CMD[8:7] signals
must be driven with the same bits that will be
driven on SADR[21:20] by this device if it has a
hit. DQ[67:0] must be driven with the 68-bit data
to be compared. The CMD[2] signal must be
driven to Logic '0.'
– Cycle B: The host ASIC continues to drive
CMDV high and applies the SEARCH command
('10') on CMD[1:0]. CMD[5:2] must be driven by
the index of the comparand register pair for stor-
ing the 136-bit word presented on the DQ Bus
during Cycles A and B. CMD[8:6] signals must
be driven with the index of the SSR that will be
used for storing the address of the matching en-
try and the Hit Flag (see SEARCH-Successful
Registers (SSR[0:7]), page 23). The DQ[67:0]
continues to carry the 68-bit data to be com-
pared.
Note: In the 68-bit configuration, the host ASIC
must supply the same data on DQ[67:0] during
both Cycles A and B. The even and odd pair of
GMRs selected for the comparison must be pro-
grammed with the same value.
DQ[67:26]
DQ[25:21]
DQ[20:19]
DQ[18:6]
DQ[5:0]
Reserved
ID
11: Register
Reserved
Register address
DQ
[67:26]
DQ
[25:21]
DQ
[20:19]
DQ
[18:15]
DQ
[14:0]
Reserved
ID
00: Data array
Reserved
Don’t care. These 15 bits come from the internal
register (WBURADR), which increments with each
access.
Reserved
ID
01: Mask
array
Reserved
Don’t care. These 15 bits come from the internal
register (WBURADR), which increments with each
access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com