Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7020R Datasheet(PDF) 21 Page - STMicroelectronics

Part # M7020R
Description  32K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7020R Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M7020R Datasheet HTML 17Page - STMicroelectronics M7020R Datasheet HTML 18Page - STMicroelectronics M7020R Datasheet HTML 19Page - STMicroelectronics M7020R Datasheet HTML 20Page - STMicroelectronics M7020R Datasheet HTML 21Page - STMicroelectronics M7020R Datasheet HTML 22Page - STMicroelectronics M7020R Datasheet HTML 23Page - STMicroelectronics M7020R Datasheet HTML 24Page - STMicroelectronics M7020R Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 150 page
background image
21/150
M7020R
REGISTERS
All registers in the M7020R are 68 bits wide. The
M7020R contains 8 pairs of comparand storage
registers, 16 pairs of global mask registers
(GMRs), eight search successful index registers
and one each of CMD, information, burst READ,
burst WRITE, and next-free address registers. Ta-
ble 8 provides an overview of all the M7020R reg-
isters. The registers are ordered in ascending
address order. Each register group is then de-
scribed in the following subsections.
Table 8. Register Overview
Address
Abbreviation
Type
Name
0–31
COMP0–31
R
16 Comparand Registers. Stores comparands from the DQ Bus for
learning later.
32–47
MASKS
RW
8 Global Mask Registers Array.
48–55
SSR0–7
R
8 SEARCH Successful Index Registers.
56
COMMAND
RW
Command Register.
57
INFO
R
Information Register.
58
RBURREG
RW
Burst Read Register.
59
WBURREG
RW
Burst Write Register.
60
NFA
R
Next Free Address Register.
61–63
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com