Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7020R Datasheet(PDF) 29 Page - STMicroelectronics

Part # M7020R
Description  32K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7020R Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M7020R Datasheet HTML 25Page - STMicroelectronics M7020R Datasheet HTML 26Page - STMicroelectronics M7020R Datasheet HTML 27Page - STMicroelectronics M7020R Datasheet HTML 28Page - STMicroelectronics M7020R Datasheet HTML 29Page - STMicroelectronics M7020R Datasheet HTML 30Page - STMicroelectronics M7020R Datasheet HTML 31Page - STMicroelectronics M7020R Datasheet HTML 32Page - STMicroelectronics M7020R Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 150 page
background image
29/150
M7020R
COMMAND CODES AND PARAMETERS
A master device, such as an ASIC controller, is-
sues commands to the M7020R using the Com-
mand Valid CMDV signal and the CMD Bus. The
following subsections describe the functions of the
commands.
Command Codes
The M7020R implements four basic commands
shown in Table 16. The Command Code must be
presented to CMD[1:0] while keeping the com-
mand valid (CMDV) signal high for two CLK2X cy-
cles. These two CLK2X cycles are designated as
“Cycle A” and “Cycle B.” The controller ASIC must
align the instructions with the PHS_L signal. The
CMD[8:2] field passes the parameters of the com-
mand in Cycles A and B.
Commands and Command Parameters
Table 17, page 29 lists the CMD bus fields that
contain the M7020R command parameters as well
as their respective cycles.
Table 16. Command Codes
Table 17. Command Parameters
Note: 1. The 272-bit-configured devices or 272-bit-configured quadrants within devices do not support the LEARN Instruction.
CMD Code
Command
Description
00
READ
Reads one of the following: data array, mask array, device registers, or external
SRAM.
01
WRITE
Writes one of the following: data array, mask array, device registers, or external
SRAM.
10
SEARCH
Searches the data array for a desired pattern using the specified register from the
global mask register array and local mask associated with each data cell.
11
LEARN
The device has internal storage for up to 16 comparands that it can learn. The
device controller can insert these entries at the next free address (as specified by
the NFA register) using the LEARN Instruction.
Cmd
Cyc
8
7
6
5
4
3
2
1
0
READ
A
SADR[21]
SADR[20]
X
0
0
0
0 = Single
1 = Burst
00
B0
0
0
0
0
0
0 = Single
1 = Burst
00
WRITE
A
SADR[21]
SADR[20]
X
Global Mask
Register Index [2:0]
0 = Single
1 = Burst
01
B0
0
0
Global Mask
Register Index [2:0]
0 = Single
1 = Burst
01
SEARCH
A
SADR[21]
SADR[20]
SADR[19]
Global Mask
Register Index [2:0]
68-bit or 136-bit: 0
272-bit:
1 in 1st Cycle
0 in 2nd Cycle
10
B
Successful Search Register Index[2:0]
Comparand Register Index
1
0
LEARN(1)
A
SADR[21]
SADR[20]
X
Comparand Register Index
1
1
B0
0
Mode
0: 68-bit
1: 136-bit
Comparand Register Index
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com