Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7020R Datasheet(PDF) 63 Page - STMicroelectronics

Part # M7020R
Description  32K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7020R Datasheet(HTML) 63 Page - STMicroelectronics

Back Button M7020R Datasheet HTML 59Page - STMicroelectronics M7020R Datasheet HTML 60Page - STMicroelectronics M7020R Datasheet HTML 61Page - STMicroelectronics M7020R Datasheet HTML 62Page - STMicroelectronics M7020R Datasheet HTML 63Page - STMicroelectronics M7020R Datasheet HTML 64Page - STMicroelectronics M7020R Datasheet HTML 65Page - STMicroelectronics M7020R Datasheet HTML 66Page - STMicroelectronics M7020R Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 150 page
background image
63/150
M7020R
The logical 136-bit search operation is shown in
Figure 43, page 65. The entire table of 136-bit en-
tries is compared to a 136-bit word K (presented
on the DQ Bus in Cycles A and B of the command)
using the GMR and the local mask bits. The GMR
is the 136-bit word specified by the even and odd
global mask pair selected by the GMR Index in the
command’s Cycle A. The 136-bit word K (present-
ed on the DQ Bus in Cycles A and B of the com-
mand) is also stored in both even and odd
comparand register pairs selected by the Com-
parand Register Index in the command’s Cycle B.
The two comparand registers can subsequently
be used by the LEARN command with the even
comparand register stored in an even location,
and the odd comparand register stored in an adja-
cent odd location. The word K (presented on the
DQ Bus in Cycles A and B of the command) is
compared with each entry in the table starting at
location “0.” The first matching entry’s location ad-
dress, “L,” is the winning address that is driven as
part of the SRAM address on the SADR[21:0] lines
(see SRAM ADDRESSING, page 126).
Note: The matching address is always going to an
even address for a 136-bit SEARCH.
The SEARCH command is a pipelined operation
that executes searches at half the rate of the fre-
quency of CLK2X for 136-bit searches in x136-
configured tables. The latency of SADR, CE_L,
ALE_L, WE_L, SSV, and SSF from the 136-bit
SEARCH command cycle (two CLK2X cycles) is
shown in Table 33, page 65.
For a single device in the table with TLSZ = 00, the
latency of the SEARCH from command to SRAM
access cycle is 4. In addition, SSV and SSF shift
further to the right for different values of HLAT, as
specified in Table 34, page 65.
Figure 41. Hardware Diagram for a Table with 1 Device
DQ[67:0]
CMDV, CMD[8:0]
SSF, SSV
SRAM
BHI[2:0]
BHO[2:0]
LHO[1]
LHI
3210
M7020R
LHO[0]
654
AI06329



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com