Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7020R Datasheet(PDF) 22 Page - STMicroelectronics

Part # M7020R
Description  32K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7020R Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M7020R Datasheet HTML 18Page - STMicroelectronics M7020R Datasheet HTML 19Page - STMicroelectronics M7020R Datasheet HTML 20Page - STMicroelectronics M7020R Datasheet HTML 21Page - STMicroelectronics M7020R Datasheet HTML 22Page - STMicroelectronics M7020R Datasheet HTML 23Page - STMicroelectronics M7020R Datasheet HTML 24Page - STMicroelectronics M7020R Datasheet HTML 25Page - STMicroelectronics M7020R Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 150 page
background image
M7020R
22/150
Comparand Registers
The device contains 32 68-bit comparand regis-
ters (16 pairs) dynamically selected in every
SEARCH operation to store the comparand pre-
sented on the DQ Bus. The LEARN command will
later use these registers when executed. The
M7020R stores the SEARCH command’s Cycle A
comparand in the even-numbered register and the
Cycle B comparand in the odd-numbered register,
as shown in Figure 10.
Mask Registers
The device contains 16 68-bit global mask regis-
ters (8 pairs) dynamically selected in every
SEARCH operation to select the search subfield.
The addressing of these registers is explained in
Figure 11. The three-bit GMR Index supplied on
the CMD bus can apply 8 pairs of global masks
during the SEARCH and WRITE operations, as
shown in Figure 11.
Note: In 68-bit SEARCH and WRITE operations,
the host ASIC must program both the even and
odd mask registers with the same values.
Each mask bit in the GMRs is used during
SEARCH and WRITE operations. In SEARCH op-
erations, setting the mask bit to '1' enables com-
pares; setting the mask bit to '0' disables
compares (forced match) at the corresponding bit
position. In WRITE operations to the data or mask
array, setting the mask bit to '1' enables WRITEs;
setting the mask bit to '0' disables WRITEs at the
corresponding bit position.
Figure 10. Comparand Register Selection
During SEARCH and LEARN
Instructions
Figure 11. Addressing the Global Masks
Register Array
135
0
68
68
1
0
3
2
5
4
7
6
30
31
0
15
1
Address
Index
AI04275
135
0
68
68
1
0
3
2
5
4
7
6
9
8
11
10
13
12
15
14
0
1
6
7
2
5
4
3
Address
Index
AI04276
SEARCH and WRITE Command
Global Mask Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com