Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7020R Datasheet(PDF) 88 Page - STMicroelectronics

Part # M7020R
Description  32K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7020R Datasheet(HTML) 88 Page - STMicroelectronics

Back Button M7020R Datasheet HTML 84Page - STMicroelectronics M7020R Datasheet HTML 85Page - STMicroelectronics M7020R Datasheet HTML 86Page - STMicroelectronics M7020R Datasheet HTML 87Page - STMicroelectronics M7020R Datasheet HTML 88Page - STMicroelectronics M7020R Datasheet HTML 89Page - STMicroelectronics M7020R Datasheet HTML 90Page - STMicroelectronics M7020R Datasheet HTML 91Page - STMicroelectronics M7020R Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 150 page
background image
M7020R
88/150
Table 39. Latency of SEARCH from Instruction to SRAM Access Cycle, 136-bit, Up to 31 Devices
Table 40. Shift of SSF and SSV from SADR
272-bit SEARCH on Tables Configured as x272 Using a Single M7020R Device
The hardware diagram for this search subsystem
is shown in Figure 63, page 89. Figure 64, page 90
shows the timing diagram for a SEARCH com-
mand in the 272-bit-configured table (CFG =
10101010) consisting of a single device for one set
of parameters: TLSZ = ’00,’ HLAT = ’001,’ LRAM =
’1,’ and LDEV = ’1.’
The following is the sequence of operation for a
single 136-bit SEARCH command (also refer to
COMMAND CODES AND PARAMETERS, page
29).
– Cycle A: The host ASIC drives the CMDV high
and applies SEARCH command code ('10') on
CMD[1:0] signals. CMD[5:3] signals must be
driven with the index to the GMR pair used for
bits [271:136] of the data being searched.
DQ[67:0] must be driven with the 68-bit data
([271:204]) to be compared to all locations “0” in
the four 68-bits-word page. The CMD[2] signal
must be driven to logic ’1.’
Note: CMD[2] = 1 signals that the search is a
x272-bit search. CMD[8:3] in this cycle is ig-
nored.
– Cycle B: The host ASIC continues to drive the
CMDV high and continues to apply the com-
mand code of SEARCH command ('10') on
CMD[1:0]. The DQ[67:0] is driven with the 68-bit
data ([204:136]) to be compared to all locations
“1” in the four 68-bits-word page.
– Cycle C: The host ASIC drives the CMDV high
and applies SEARCH command code ('10') on
CMD[1:0] signals. CMD[5:3] signals must be
driven with the index to the GMR pair used for
bits [135:0] of the data being searched.
CMD[8:7] signals must be driven with the bits
that will be driven on SADR[21:20] by this de-
vice if it has a hit. DQ[67:0] must be driven with
the 68-bit data ([135:68]) to be compared to all
locations “2” in the four 68-bits-word page. The
CMD[2] signal must be driven to logic '0.'
– Cycle D: The host ASIC continues to drive the
CMDV high and applies SEARCH command
code ('10') on CMD[1:0]. CMD[8:6] signals must
be driven with the index of the SSR that will be
used for storing the address of the matching en-
try and the Hit Flag (see SEARCH-Successful
Registers (SSR[0:7]), page 23). The DQ[67:0] is
driven with the 68-bit data ([67:0]) to be com-
pared to all locations “3” in the four 68-bits-word
page. CMD[5:2] is ignored because the LEARN
Instruction is not supported for x272 tables.
Note: For 272-bit searches, the host ASIC must
supply four distinct 68-bit data words on
DQ[67:0] during Cycles A, B, C, and D. The
GMR Index in Cycle A selects a pair of GMRs
that apply to DQ data in Cycles A and B. The
GMR Index in Cycle C selects a pair of GMRs
that apply to DQ data in Cycles C and D.
# of devices
Max Table Size
Latency in CLK Cycles
1 (TLSZ = 00)
16K x 136-bit
4
2–8 (TLSZ = 01)
128K x 136-bit
5
9–31 (TLSZ = 10)
496K x 136-bit
6
HLAT
Number of CLK Cycles
000
0
001
1
010
2
011
3
100
4
101
5
110
6
111
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com