Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7020R Datasheet(PDF) 1 Page - STMicroelectronics

Part # M7020R
Description  32K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7020R Datasheet(HTML) 1 Page - STMicroelectronics

  M7020R Datasheet HTML 1Page - STMicroelectronics M7020R Datasheet HTML 2Page - STMicroelectronics M7020R Datasheet HTML 3Page - STMicroelectronics M7020R Datasheet HTML 4Page - STMicroelectronics M7020R Datasheet HTML 5Page - STMicroelectronics M7020R Datasheet HTML 6Page - STMicroelectronics M7020R Datasheet HTML 7Page - STMicroelectronics M7020R Datasheet HTML 8Page - STMicroelectronics M7020R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 150 page
background image
1/150
PRELIMINARY DATA
December 2001
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
M7020R
32K x 68-bit Entry NETWORK SEARCH ENGINE
FEATURES SUMMARY
s
32K DATA ENTRIES IN 68-BIT MODE
s
TABLE MAY BE PARTITIONED INTO UP TO
FOUR (4) QUADRANTS
(Data entry width in each octant is configurable
as 34, 68, 136, or 272 bits.)
s
UP TO 83 MILLION SUSTAINED SEARCHES
PER SECOND IN 68-BIT and 136-BIT
CONFIGURATIONS
s
UP TO 41.5 MILLION SEARCHES PER
SECOND IN 34-BIT and 272-BIT
CONFIGURATIONS
s
SEARCHES ANY SUB-FIELD IN A SINGLE
CYCLE
s
OFFERS BIT-BY-BIT and GLOBAL MASKING
s
SYNCHRONOUS, PIPELINED OPERATION
s
UP TO 31 SEARCH ENGINES CASCADABLE
WITHOUT PERFORMANCE DEGRADATION
s
WHEN CASCADED, THE DATABASE
ENTRIES CAN SCALE FROM 248K TO 1984K
DEPENDING ON THE WIDTH OF THE ENTRY
s
GLUELESS INTERFACE TO INDUSTRY-
STANDARD SRAMS
s
SIMPLE HARDWARE INSTRUCTION
INTERFACE
s
IEEE 1149.1 TEST ACCESS PORT
s
OPERATING SUPPLY VOLTAGES INCLUDE:
VDD (Operating Supply Voltage) = 1.8V
VDDQ (Operating Supply Voltage for I/O) = 2.5
or 3.3V
s
272 PBGA, 27mm x 27mm
Figure 1. 272-ball PBGA Package
272-ball PBGA
27mm x 27mm


Similar Part No. - M7020R

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M702-230642 HARWIN-M702-230642 Datasheet
115Kb / 1P
IEEE 1394, PCB MOUNT SMT TYPE, METAL SHIELD, FEMALE
logo
Enercon Technologies Eu...
M7027 ENERCON-M7027 Datasheet
971Kb / 10P
M7027 SERIES
Jul 21, 2021
M7028 ENERCON-M7028 Datasheet
736Kb / 7P
M7028 SERIES DC/DC POWER SUPPLY
Nov 2, 2021
M7029 ENERCON-M7029 Datasheet
637Kb / 6P
M7029 SERIES DC/DC POWER SUPPLY
More results

Similar Description - M7020R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M7010R STMICROELECTRONICS-M7010R Datasheet
449Kb / 67P
16K x 68-bit Entry NETWORK SEARCH ENGINE
23-Jul-2002
M7040N STMICROELECTRONICS-M7040N Datasheet
1Mb / 159P
64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
10-May-2002
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
NETWORK SEARCH ENGINE
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
Network Search Engine
logo
Integrated Device Techn...
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
NETWORK SEARCH ENGINE
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
75P42100_0509 IDT-75P42100_0509 Datasheet
441Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com