Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7010R Datasheet (PDF) - STMicroelectronics

M7010R Datasheet PDF - STMicroelectronics
Part # M7010R
Download  M7010R Download
File Size   449.18 Kbytes
Page   67 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16K x 68-bit Entry NETWORK SEARCH ENGINE

M7010R Datasheet (PDF)

Go To PDF Page Download Datasheet
M7010R Datasheet PDF - STMicroelectronics

Part # M7010R
Download  M7010R Click to download

File Size   449.18 Kbytes
Page   67 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16K x 68-bit Entry NETWORK SEARCH ENGINE

M7010R Datasheet (HTML) - STMicroelectronics


M7010R Product details

Overview
The M7010R is a feature-rich, TCAM-based hardware search engine optimized for networking and communications applications. It incorporates leading-edge Associative Processing Technology (APT, trademark of Cypress Semiconductor, Inc.) and Advanced Power Management. The data table may be partitioned into up to four (4) quadrants, allowing the user to configure each quadrant with different table entry widths (x34, x68, x136, or x272-bit). It is also programmable to accelerate performance.

FEATURES SUMMARY
■ 16K ENTRIES IN 68-BIT MODE
■ TABLE MAY BE PARTITIONED INTO UP TO FOUR (4) QUADRANTS (Data entry width in each quadrant is configurable as 34, 68, 136, or 272 bits.)
■ UP TO 83 MILLION SUSTAINED SEARCHES PER SECOND IN 68-BIT and 136-BIT CONFIGURATIONS
■ UP TO 41.5 MILLION SEARCHES PER SECOND IN 34-BIT and 272-BIT CONFIGURATIONS
■ SEARCHES ANY SUB-FIELD IN A SINGLE CYCLE
■ OFFERS BIT-BY-BIT and GLOBAL MASKING
■ SYNCHRONOUS, PIPELINED OPERATION
■ UP TO 31 SEARCH ENGINES CASCADABLE WITHOUT PERFORMANCE DEGRADATION
■ WHEN CASCADED, THE DATABASE ENTRIES CAN SCALE FROM 124K to 992K DEPENDING ON THE SIZE OF THE ENTRY
■ GLUELESS INTERFACE TO INDUSTRYSTANDARD SRAMS
■ SIMPLE HARDWARE INSTRUCTION INTERFACE
■ IEEE 1149.1 TEST ACCESS PORT
■ OPERATING SUPPLY VOLTAGES INCLUDE:
   VDD (Operating Supply Voltage) = 1.8V
   VDDQ (Operating Supply Voltage for I/O) = 2.5 or 3.3V
■ 272 BALL, 27mm x 27mm, CAVITY-UP BGA




Similar Part No. - M7010R

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
M701 SENSATA-M701 Datasheet
222Kb / 2P
DC MOTOR CONTROLLER
logo
Harwin Plc
M701-330442 HARWIN-M701-330442 Datasheet
60Kb / 1P
USB B TYPE FEMALE DIP 180
M701-340542 HARWIN-M701-340542 Datasheet
427Kb / 1P
MINI USB B TYPE FEMALE TYPE R/A SMD TYPE 5 PINS
M701-370442 HARWIN-M701-370442 Datasheet
64Kb / 1P
USB B TYPE FEMALE SMT
logo
Enercon Technologies Eu...
M7017 ENERCON-M7017 Datasheet
592Kb / 6P
M7017 SERIES DC/DC POWER SUPPLY
Jul 20, 2022
More results


Similar Description - M7010R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M7020R STMICROELECTRONICS-M7020R Datasheet
996Kb / 150P
32K x 68-bit Entry NETWORK SEARCH ENGINE
14-Nov-2001
M7040N STMICROELECTRONICS-M7040N Datasheet
1Mb / 159P
64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
10-May-2002
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
NETWORK SEARCH ENGINE
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
NETWORK SEARCH ENGINE 32K x 72 Entries
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
Network Search Engine
logo
Integrated Device Techn...
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
Network Search Engine 256K x 72 Entries
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
NETWORK SEARCH ENGINE
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
Network Search Engine
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com