Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7010R Datasheet(PDF) 9 Page - STMicroelectronics

Part # M7010R
Description  16K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7010R Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M7010R Datasheet HTML 5Page - STMicroelectronics M7010R Datasheet HTML 6Page - STMicroelectronics M7010R Datasheet HTML 7Page - STMicroelectronics M7010R Datasheet HTML 8Page - STMicroelectronics M7010R Datasheet HTML 9Page - STMicroelectronics M7010R Datasheet HTML 10Page - STMicroelectronics M7010R Datasheet HTML 11Page - STMicroelectronics M7010R Datasheet HTML 12Page - STMicroelectronics M7010R Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
9/67
M7010R
Figure 4. M7010R Block Diagram
AI04273
Comparand Registers[15:0]
Global Mask Registers [7:0]
Information and Command Register
Burst Read Register
Burst Write Register
Next Free Address Register
Search Successful Index Registers [7:0]
(All registers are 68-bit-wide)
TAP
Controller
Pipeline
and
SRAM
Control
Arbitration
Logic
Command
Decode
and PIO Access
PHS_L
CLK2X
RST_L
DQ [67:0]
CMD [8:0]
CMDV
ACK
EOT
Cmd Compare/PIO Data
Configurable as
32K x 34
16K x 68
8K x 136
4K x 272
Data Array
Configurable as
32K x 34
16K x 68
8K x 136
4K x 272
Mask Array
Full Logic
FULL [6:0]
FULL
FULO [1:0]
ID [4:0]
LHI [6:0]
BHI [2:0]
SSF
SSV
LHO [1:0]
BHO [2:0]
TAP
SADR [21:0]
OE_L
WE_L
CE_L
ALE_L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com