Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7010R Datasheet(PDF) 41 Page - STMicroelectronics

Part # M7010R
Description  16K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7010R Datasheet(HTML) 41 Page - STMicroelectronics

Back Button M7010R Datasheet HTML 37Page - STMicroelectronics M7010R Datasheet HTML 38Page - STMicroelectronics M7010R Datasheet HTML 39Page - STMicroelectronics M7010R Datasheet HTML 40Page - STMicroelectronics M7010R Datasheet HTML 41Page - STMicroelectronics M7010R Datasheet HTML 42Page - STMicroelectronics M7010R Datasheet HTML 43Page - STMicroelectronics M7010R Datasheet HTML 44Page - STMicroelectronics M7010R Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 67 page
background image
41/67
M7010R
136-bit Logical SEARCH
The logical, 136-bit SEARCH operation is shown
in Figure 29. The entire table of 136-bit entries is
compared to a 136-bit word K (presented on the
DQ Bus in both Cycles A and B of the command)
using the GMR and the local mask bits. The GMR
is the 136-bit word specified by the even and odd
global mask pair selected by GMR Index in the
command’s Cycle A. The 136-bit word K (present-
ed on the DQ Bus in both Cycles A and B of the
command) is also stored in both even and odd
comparand register pairs selected by the Com-
parand Register Index in the command’s Cycle B.
The two comparand registers can subsequently
be used by the LEARN command with the even-
numbered comparand register stored in an even-
numbered location, and the odd-numbered com-
parand register stored in an adjacent, odd-num-
bered location. The word K (presented on the DQ
Bus inCycles A andB of thecommand)is com-
pared with each entry in the table starting at loca-
tion “0.” The first matching entry’s location,
address “L,” is the winning address that is driven
as part of the SRAM address on the SADR[21:0]
lines.
Note: The matching address is always going to be
an
even-numbered
address
for
a
136-bit
SEARCH.
Figure 29. x136 Table with One Device
Comparand Register (even)
Comparand Register (odd)
67
0
A
CFG = 01010101
0
2
4
6
16382
(136-bit Configuration)
Location
address
L
B
135
0
KA
B
GMR
Even
Odd
135
0
AI07042
(First matching entry)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com