Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7010R Datasheet(PDF) 15 Page - STMicroelectronics

Part # M7010R
Description  16K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7010R Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M7010R Datasheet HTML 11Page - STMicroelectronics M7010R Datasheet HTML 12Page - STMicroelectronics M7010R Datasheet HTML 13Page - STMicroelectronics M7010R Datasheet HTML 14Page - STMicroelectronics M7010R Datasheet HTML 15Page - STMicroelectronics M7010R Datasheet HTML 16Page - STMicroelectronics M7010R Datasheet HTML 17Page - STMicroelectronics M7010R Datasheet HTML 18Page - STMicroelectronics M7010R Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 67 page
background image
15/67
M7010R
Table 7. AC Timing Parameters with CLK2X
Note: 1. Valid for Ambient Operating Temperature: TA =0to70°C; VDD =1.8V.
2. Values are based on 50% signal levels.
3. BasedonanAC load of CL=50pF (seeFigure5, page12and Figure 8, page 12).
4. Unless otherwise noted, all values are based on AC load of CL = 50pF (see Figure 5, page 12 and Figure 8, page 12).
5. These parameters are sampled and not 100% tested.
Row
Symbol
M7010R-066
M7010R-083
Unit
Description(1)
Min
Max
Min
Max
1
fCLK
133
166
MHz CLK2X frequency
2
tCLK
7.5
6.0
ns
CLK2X period
3
tCKHI
3.0
2.4
ns
CLK2X high pulse(2)
4
tCKLO
3.0
2.4
ns
CLK2X low pulse(2)
5
tISCH
2.5
1.8
ns
Input Setup Time to CLK2X rising edge(2)
6
tIHCH
0.6
0.6
ns
Input Hold Time to CLK2X rising edge(2)
7
tICSCH
4.2
3.5
ns
Cascaded Input Setup Time to CLK2X rising edge(2)
8
tICHCH
0.6
0.6
ns
Cascaded Input Hold Time to CLK2X rising edge(2)
9
tCKHOV
8.5
7.0
ns
Rising edge of CLK2X to LHO, FULO, BHO, FULL valid(3)
10
tCKHDV
9.0
7.5
ns
Rising edge of CLK2X to DQ valid(4)
11
tCKHDZ
8.5
7.0
ns
Rising edge of CLK2X to DQ high-Z(5)
12
tCKHSV
9.0
7.5
ns
Rising edge of CLK2X to SRAM Bus valid(4)
13
tCKHSHZ
6.5
6.0
ns
Rising edge of CLK2X to SRAM Bus high-Z(4,5)
14
tCKHSLZ
7.0
6.5
ns
Rising edge of CLK2X to SRAM Bus low-Z(4,5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com