Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7010R Datasheet(PDF) 6 Page - STMicroelectronics

Part # M7010R
Description  16K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7010R Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M7010R Datasheet HTML 2Page - STMicroelectronics M7010R Datasheet HTML 3Page - STMicroelectronics M7010R Datasheet HTML 4Page - STMicroelectronics M7010R Datasheet HTML 5Page - STMicroelectronics M7010R Datasheet HTML 6Page - STMicroelectronics M7010R Datasheet HTML 7Page - STMicroelectronics M7010R Datasheet HTML 8Page - STMicroelectronics M7010R Datasheet HTML 9Page - STMicroelectronics M7010R Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 67 page
background image
M7010R
6/67
DESCRIPTION
Overview
The M7010R is a feature-rich, TCAM-based hard-
ware search engine optimized for networking and
communications applications. It incorporates lead-
ing-edge
Associative
Processing
Technology
(APT, trademark of Cypress Semiconductor, Inc.)
and Advanced Power Management. The data ta-
ble may be partitioned into up to four (4) quad-
rants, allowing the user to configure each quadrant
with different table entry widths (x34, x68, x136, or
x272-bit). It is also programmable to accelerate
performance.
Performance
The M7010R outperforms competitive solutions
using software sequential search algorithms in
conjunction with SRAMs or ASICs, or hardware
implementation with ASICs and CAMs. The latter
solution, while faster than a software-based solu-
tion, still suffers from performance degradation
when depth-cascaded and is unable to scale to
next-generation
requirements.
The
M7010R-
based solutions overcome all of these drawbacks.
Applications
The performance and features of the M7010R
makes it ideal in applications such as enterprise
LAN switches, broadband switching and routing
equipment, supporting multiple data rates from
OC–48 and beyond.
Figure 2 illustrates how a search engine sub-
system can be optimized using a host bridge
ASIC, the M7010R, and synchronous or non-syn-
chronous SRAMs. It also illustrates how this sys-
tem fits into a switch-router implementation.
Table 1. Product Range
Figure 2. Switch/Router Implementation Using the M7010R
Part Number
Operating Supply Voltage
Operating I/O Voltage
Speed
M7010R-083ZA1
1.8V
2.5 or 3.3V
83MHz
M7010R-066ZA1
1.8V
2.5 or 3.3V
66MHz
Progr
am
Memor
y
Switch
Fabric
Switch
Processor
Netw
ork Line
Interf
aces
System
Bus
Host
ASIC
SRAM
Bank
Search
Engine
AI04272



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com