Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7010R Datasheet(PDF) 10 Page - STMicroelectronics

Part # M7010R
Description  16K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7010R Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M7010R Datasheet HTML 6Page - STMicroelectronics M7010R Datasheet HTML 7Page - STMicroelectronics M7010R Datasheet HTML 8Page - STMicroelectronics M7010R Datasheet HTML 9Page - STMicroelectronics M7010R Datasheet HTML 10Page - STMicroelectronics M7010R Datasheet HTML 11Page - STMicroelectronics M7010R Datasheet HTML 12Page - STMicroelectronics M7010R Datasheet HTML 13Page - STMicroelectronics M7010R Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
M7010R
10/67
MAXIMUM RATING
Stressing the deviceabove therating listedinthe
“Absolute Maximum Ratings” table may cause
permanent damage to the device. These are
stress ratings only and operation of the device at
these or any other conditions above those indicat-
ed in the Operating sections of this specification is
not implied. Exposure to Absolute Maximum Rat-
ing conditions for extended periods may affect de-
vice
reliability.
Refer
also
to
the
STMicroelectronics SURE Program and other rel-
evant quality documents.
Table 3. Absolute Maximum Ratings
Note: 1. Soldering temperature not to exceed 260°C for 10 seconds (total thermal budget not to exceed 150°C for longer than 30 seconds).
Symbol
Parameter
Value
Unit
TSTG
Storage Temperature (VDD Off)
–0to 70
°C
TSLD
(1)
Lead Solder Temperature for 10 seconds
235
°C
VDDQ
Input or Output Voltages
3.3
V
VDD
Supply Voltage
–0.4 to 2.7
V
IO
Output Current
100
mA
PD
Power Dissipation
< 3
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com