Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7010R Datasheet(PDF) 12 Page - STMicroelectronics

Part # M7010R
Description  16K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7010R Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M7010R Datasheet HTML 8Page - STMicroelectronics M7010R Datasheet HTML 9Page - STMicroelectronics M7010R Datasheet HTML 10Page - STMicroelectronics M7010R Datasheet HTML 11Page - STMicroelectronics M7010R Datasheet HTML 12Page - STMicroelectronics M7010R Datasheet HTML 13Page - STMicroelectronics M7010R Datasheet HTML 14Page - STMicroelectronics M7010R Datasheet HTML 15Page - STMicroelectronics M7010R Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 67 page
background image
M7010R
12/67
Figure 5. M7010R 2.5V AC Testing Load
Figure 6. M7010R 2.5V Input Waveform
Figure 7. M7010R 2.5V Output Load Equiv.
Figure 8. M7010R 3.3V AC Testing Load
Figure 9. M7010R 3.3V Input Waveform
Figure 10. M7010R 3.3V Output Load Equiv.
CL
VL = 1.25V
50
Ω
Z0 = 50Ω
DOUT
AI04268
+2.5V
90%
10%
90%
10%
GND
AI04299
208
Ω
192
Ω
AI04266
5pF
Q
+2.5V
CL
VL = 1.5V
50
Ω
Z0 = 50Ω
DOUT
AI04269
+3.3V
90%
10%
90%
10%
GND
AI04298
158
Ω
175
Ω
AI04267
5pF
Q
+3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com