Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7010R Datasheet(PDF) 2 Page - STMicroelectronics

Part # M7010R
Description  16K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7010R Datasheet(HTML) 2 Page - STMicroelectronics

  M7010R Datasheet HTML 1Page - STMicroelectronics M7010R Datasheet HTML 2Page - STMicroelectronics M7010R Datasheet HTML 3Page - STMicroelectronics M7010R Datasheet HTML 4Page - STMicroelectronics M7010R Datasheet HTML 5Page - STMicroelectronics M7010R Datasheet HTML 6Page - STMicroelectronics M7010R Datasheet HTML 7Page - STMicroelectronics M7010R Datasheet HTML 8Page - STMicroelectronics M7010R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 67 page
background image
M7010R
2/67
TABLE OF CONTENTS
DESCRIPTION ...... ...... ...... ....... ...... ....... ...... ....... ...... ...... .....6
Overview . ....... ...... ...... ....... ...... ....... ...... ....... ...... ...... .....6
Performance ..... ...... ...... ....... ...... ....... ...... ....... ...... ...... .....6
Applications ...... ...... ...... ....... ...... ....... ...... ....... ...... ...... .....6
Product Range (Table 1.) . ...... ....... ...... ....... ...... ....... ...... ...... .....6
Switch/Router Implementation Using the M7010R (Figure 2.) ..... ....... ...... ...... .....6
Signal Names (Table 2.) .. ...... ....... ...... ....... ...... ....... ...... ...... .....7
Connections (Figure 3.) . . . ...... ....... ...... ....... ...... ....... ...... ...... .....8
M7010R Block Diagram (Figure 4.) ....... ...... ....... ...... ....... ...... ...... .....9
MAXIMUM RATING... ...... ...... ....... ...... ....... ...... ....... ...... ...... ....10
Absolute Maximum Ratings (Table 3.) .... ...... ....... ...... ....... ...... ...... .... 10
DC AND AC PARAMETERS. . ...... ....... ...... ....... ...... ....... ...... ...... ....11
DC and AC Measurement Conditions (Table 4.) . . . ....... ...... ....... ...... ...... ....11
M7010R 2.5V AC Testing Load (Figure 5.) . ...... ....... ...... ....... ...... ...... .... 12
M7010R 2.5V InputWaveform (Figure 6.).. ...... ....... ...... ....... ...... ...... ....12
M7010R 2.5V Output Load Equiv. (Figure 7.) ..... ....... ...... ....... ...... ...... ....12
M7010R 3.3V AC Testing Load (Figure 8.) . ...... ....... ...... ....... ...... ...... .... 12
M7010R 3.3V InputWaveform (Figure 9.).. ...... ....... ...... ....... ...... ...... ....12
M7010R 3.3V Output Load Equiv. (Figure 10.) .... ....... ...... ....... ...... ...... ....12
Capacitance (Table 5.) . . . ...... ....... ...... ....... ...... ....... ...... ...... ....13
DC Characteristics (Table 6.) .... ....... ...... ....... ...... ....... ...... ...... ....13
AC Timing Waveforms with CLK2X (Figure 11.) ... ....... ...... ....... ...... ...... ....14
AC Timing Parameters with CLK2X (Table 7.) .... ....... ...... ....... ...... ...... ....15
OPERATION . ....... ...... ...... ....... ...... ....... ...... ....... ...... ...... ....16
Command Busand DQ Bus ..... ....... ...... ....... ...... ....... ...... ...... ....16
Database Entry(Data Array and Mask Array) ..... ....... ...... ....... ...... ...... ....16
Arbitration Logic. . . ...... ...... ....... ...... ....... ...... ....... ...... ...... ....16
Pipeline and SRAM Control ...... ....... ...... ....... ...... ....... ...... ...... ....16
Full Logic . ....... ...... ...... ....... ...... ....... ...... ....... ...... ..... . ....16
Connections Descriptions . ...... ....... ...... ....... ...... ....... ...... ...... ....16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com