Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7010R Datasheet(PDF) 37 Page - STMicroelectronics

Part # M7010R
Description  16K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7010R Datasheet(HTML) 37 Page - STMicroelectronics

Back Button M7010R Datasheet HTML 33Page - STMicroelectronics M7010R Datasheet HTML 34Page - STMicroelectronics M7010R Datasheet HTML 35Page - STMicroelectronics M7010R Datasheet HTML 36Page - STMicroelectronics M7010R Datasheet HTML 37Page - STMicroelectronics M7010R Datasheet HTML 38Page - STMicroelectronics M7010R Datasheet HTML 39Page - STMicroelectronics M7010R Datasheet HTML 40Page - STMicroelectronics M7010R Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 67 page
background image
37/67
M7010R
68-bit Logical SEARCH
The logical, 68-bit SEARCH operation is shown in
Figure 26. The entire table of 68-bit entries is com-
pared to a 68-bit word K (presented on the DQ Bus
in both Cycles A and B of the command) using the
GMR and the local mask bits. The effective GMR
is the 68-bit word specified by the identical value
in both even and odd GMR pairs selected by the
GMR Index in the command’s Cycle A. The 68-bit
word K (presented on the DQ Bus in both Cycles
A and B of the command) is also stored in both
even and odd comparand register pairs selected
by the Comparand Register Index in the com-
mand’s Cycle B. In a x68 configuration, only the
even comparand register can subsequently be
used by the LEARN command. The word K (pre-
sented on the DQ Bus in both Cycles A and B of
the command) is compared with each entry in the
table, starting at location “0.” The first matching
entry’s location, address “L,” is the winning ad-
dress that is driven as part of the SRAM address
on the SADR[21:0] lines.
Figure 26. x68 Table with One Device
Comparand Register (even)
Comparand Register (odd)
67
0
K
CFG = 00000000
0
1
2
3
16383
(68-bit Configuration)
Location
address
L
K
67
0
K
GMR
67
0
AI07041
(First matching entry)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com