Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7010R Datasheet(PDF) 56 Page - STMicroelectronics

Part # M7010R
Description  16K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7010R Datasheet(HTML) 56 Page - STMicroelectronics

Back Button M7010R Datasheet HTML 52Page - STMicroelectronics M7010R Datasheet HTML 53Page - STMicroelectronics M7010R Datasheet HTML 54Page - STMicroelectronics M7010R Datasheet HTML 55Page - STMicroelectronics M7010R Datasheet HTML 56Page - STMicroelectronics M7010R Datasheet HTML 57Page - STMicroelectronics M7010R Datasheet HTML 58Page - STMicroelectronics M7010R Datasheet HTML 59Page - STMicroelectronics M7010R Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 67 page
background image
M7010R
56/67
ARBITRATION
Figure 41, page 56 shows an example of the arbi-
tration cycle for determining which device drives
the SRAM Bus in a single block, up to eight
M7010Rs with 136-bit configuration settings.
Four cycles from the SEARCH command, all
M7010Rs are informed of the SEARCH result
within the device and drive their LHO signals. At
the next cycle, all downstream devices know the
outcome of the SEARCH in all the upstream devic-
es.
If any of the upstream devices has a hit, all the
subsequent devices defer driving the SRAM Bus.
If a SEARCH failure occurs, the M7010R with the
LRAM Bit set (the last in the chain) drives the
SRAM Bus signals. The device with LDEV set to
'1' is the default driver
of the SSV and SSF sig-
nals. Figure 42, page 57 shows how an M7010R
arbitrates accesses to the SRAM.
Figure 41. Timing Diagram for Arbitration Within a Block
Cycle 1
Cycle 2
Cycle 3
Cycle 4
Cycle 5
Cycle 7
Cycle 6
Cycle 8
Cycle 10
Cycle 9
CLK2X
CMDV
CMD[1:0]
ALE_L, CE_L
WE_L
OE_L
SADR[21:0]
CMD[8:2]
PHS_L
AI04293
A
B
DQ
A1
A2
TLSZ = 00, LRAM = 0, LDEV = 0
Learn1
Learn2
Comp1
1A 1B
Comp2
X
X
X
X
X
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com