Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7010R Datasheet(PDF) 13 Page - STMicroelectronics

Part # M7010R
Description  16K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7010R Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M7010R Datasheet HTML 9Page - STMicroelectronics M7010R Datasheet HTML 10Page - STMicroelectronics M7010R Datasheet HTML 11Page - STMicroelectronics M7010R Datasheet HTML 12Page - STMicroelectronics M7010R Datasheet HTML 13Page - STMicroelectronics M7010R Datasheet HTML 14Page - STMicroelectronics M7010R Datasheet HTML 15Page - STMicroelectronics M7010R Datasheet HTML 16Page - STMicroelectronics M7010R Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 67 page
background image
13/67
M7010R
Table 5. Capacitance
Note: Effective capacitance measured with power supply. Sampled only, not 100% tested.
1. Outputs deselected.
Table 6. DC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA =0to70°C; VDD =1.8V.
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance
VIN =0V
6pF
CIO
(1)
Input / Output Capacitance
VOUT =0V
6pF
Symb
Parameter
Test Condition(1)
Min
Max
Unit
ILI
Input Leakage Current
VDDQ =VDDQ (max)
0V
≤ VIN ≤ VDDQMAX
–10
+10
µA
ILO
Output Leakage Current
VDDQ =VDDQ (max)
0V
≤ VOUT ≤ VDDQMAX
–10
+10
µA
IDD1
1.8V Supply Current @ VDDMAX
M7010R
IOUT = 0mA,
83MHz Search
1250
mA
M7010R
IOUT = 0mA,
66MHz Search
1000
mA
IDD2
2.5V Supply Current @ VDDMAX
M7010R
IOUT = 0mA,
83MHz Search
180
mA
M7010R
IOUT = 0mA,
66MHz Search
150
mA
IDD3
3.3V Supply Current @ VDDMAX
M7010R
IOUT = 0mA,
83MHz Search
300
mA
M7010R
IOUT = 0mA,
66MHz Search
240
mA
VIL
Input Low Voltage
–0.3
0.8
V
VIH
Input High Voltage
2.0
VDDQ +0.3
V
VOL
Output Low Voltage
VDDQ =VDDQ (min)
IOL =8mA
0.4
V
VOH
Output High Voltage
VDDQ =VDDQ (min)
IOH = 8mA
2.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com