Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7010R Datasheet(PDF) 28 Page - STMicroelectronics

Part # M7010R
Description  16K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7010R Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M7010R Datasheet HTML 24Page - STMicroelectronics M7010R Datasheet HTML 25Page - STMicroelectronics M7010R Datasheet HTML 26Page - STMicroelectronics M7010R Datasheet HTML 27Page - STMicroelectronics M7010R Datasheet HTML 28Page - STMicroelectronics M7010R Datasheet HTML 29Page - STMicroelectronics M7010R Datasheet HTML 30Page - STMicroelectronics M7010R Datasheet HTML 31Page - STMicroelectronics M7010R Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 67 page
background image
M7010R
28/67
READ COMMAND
TheREAD canbeasingleread of adataarray, a
mask array, an SRAM, or a register location
(CMD[2] = 0). It can be a burst READ (CMD[2] = 1)
using an internal auto-incrementing address regis-
ter (RBURADR) of the data or mask array loca-
tions (see Table 18, page 30 and Table 19, page
30 for formats).
A single-location READ operation takes six cycles,
as shown in Figure 20, page 29. The burst READ
adds two cycles for each successive read. The
SADR[21:19] bits supplied in the READ Instruction
Cycle A drives SADR[21:19] signals during the
PIO READ of an SRAM location.
The single READ operation takes six CLK cycles,
in the following sequence:
– Cycle 1: The host ASIC applies the READ In-
struction on the CMD[1:0] (CMD[2] = 0), using
CMDV = 1, and the DQ Bus supplies the ad-
dress, as shown in Table 19, page 30 and Table
20, page 30. The host ASIC selects the device
for which ID[4:0] matches the DQ[25:21] lines. If
DQ[25:21] = 11111, the host ASIC selects the
M7010R with the LDEV Bit set. The host ASIC
also supplies SADR[21:19] on CMD[8:6] in Cy-
cle A of the READ Instruction if the READ is di-
rected to the external SRAM.
– Cycle 2: The host ASIC releases the DQ[67:0]
bus to a tri-state condition.
– Cycle 3: The host ASIC keeps DQ[67:0] bus in
a tri-state condition.
– Cycle 4: The selected device starts to drive the
DQ[67:0] bus and drives the ACK signal from Z
to low.
– Cycle 5: The selected device drives the READ
data from the addressed location on the
DQ[67:0] bus and drives the ACK signal high.
– Cycle 6: The selected device floats the
DQ[67:0] bus and drives the ACK signal low.
At the termination of Cycle 6, the selected device
releases the ACK line to a tri-state condition. The
READ Instruction is complete, and a new opera-
tion can begin.
The burst READ operation lasts 4 + 2n CLK-cycles
(where “n” stands for the number of accesses in
the burst specified by the BLEN field of the RBUR-
REG) in the sequence shown in Figure 21, page
29. This operation assumes that the host ASIC
has programmed the RBURREG with the starting
address (ADDR) and the length of transfer (BLEN)
before initiating the burst READ command.
– Cycle 1: The host ASIC applies the READ In-
struction on the CMD[1:0] (CMD[2] = 1), using
CMDV=1 and the address supplied on the DQ
Bus, as shown in Table 21, page 31. The host
ASIC selects the device for which ID[4:0] match-
es the DQ[25:21] lines. If DQ[25:21] = 11111,
the host ASIC selects the M7010R with the
LDEV Bit set.
– Cycle 2: The host ASIC floats DQ[67:0] to a tri-
state condition.
– Cycle 3: The host ASIC keeps DQ[67:0] bus in
a tri-state condition.
– Cycle 4: The selected device starts to drive the
DQ[67:0] bus and drives ACK, and EOT from Z
to low.
– Cycle 5: The selected device drives the READ
data from the addressed location on the
DQ[67:0] bus and drives the ACK signal high.
Note: Cycles four and five repeat for each addi-
tional access until all the accesses specified in
the burst length (BLEN) field of RBURREG are
complete. On the last transfer, the M7010R
drives the EOT signal high.
– Cycle (4 + 2n): The selected device drives the
DQ[67:0] to 3-state condition and drives the
ACK and the EOT signals low.
At the termination of Cycle 4 + 2n, the selected de-
vice floats the ACK line to 3-state condition. The
burst READ Instruction is complete, and a new op-
eration can begin (see Table 21, page 31 for burst
READ address formats).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com