Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7010R Datasheet(PDF) 31 Page - STMicroelectronics

Part # M7010R
Description  16K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7010R Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M7010R Datasheet HTML 27Page - STMicroelectronics M7010R Datasheet HTML 28Page - STMicroelectronics M7010R Datasheet HTML 29Page - STMicroelectronics M7010R Datasheet HTML 30Page - STMicroelectronics M7010R Datasheet HTML 31Page - STMicroelectronics M7010R Datasheet HTML 32Page - STMicroelectronics M7010R Datasheet HTML 33Page - STMicroelectronics M7010R Datasheet HTML 34Page - STMicroelectronics M7010R Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 67 page
background image
31/67
M7010R
Table 21. READ Address Format for Data and Mask Arrays
WRITE COMMAND
TheWRITE canbea singlewrite of adata array,
mask array, register, or external SRAM location
(CMD[2] = 0). It can also be a burst WRITE
(CMD[2] = 1) using an internal auto-incrementing
address register (WBURADR) of the data array or
mask array locations (see Table 23, page 33 for
format). A single-location WRITE is a three-cycle
operation, shown in Figure 22, page 32. The burst
WRITE adds one extra cycle for each successive
location write.
The WRITE operation sequence is as follows:
– Cycle 1A: The host ASIC applies the WRITE In-
structiontoCMD[1:0] (CMD[2] = 0), usingCM-
DV=1 and the address supplied on the DQ Bus,
as shown in Table 22, page 33. The host ASIC
also supplies the index to the global mask reg-
ister (GMR) to mask the WRITE to the data ar-
rayormaskarraylocation in CMD[5:3]. For
SRAM writes, the host ASIC must supply
SADR[21:19] on CMD[8:6].
– Cycle 1B: The host ASIC continues to apply the
WRITE Instruction to CMD[1:0] (CMD[2] = 0)
using CMDV = 1 and the address supplied on
the DQ Bus. The host ASIC continues to supply
the GMR Index to mask the WRITE to the data
or mask array locations in CMD[5:3]. The host
ASIC selects the device where ID[4:0] matches
the DQ[25:21] = 11111.
– Cycle 2: The host ASIC drives the DQ[67:0]
with the data to be written to the data array,
mask array, external SRAM, or register location
of the selected device.
– Cycle 3: Idle cycle. At the termination of this cy-
cle, another operation can begin.
The burst WRITE operation lasts for (n + 2) CLK
cycles, where “n” signifies the number of accesses
in the burst as specified in the BLEN field of the
WBURREG register (see Figure 23, page 32).
This operation assumes that the host ASIC has
programmed the WBURREG with the starting ad-
dress (ADDR) and the length of transfer (BLEN)
before initiating the burst WRITE command (see
Table 24, page 33 for format). The sequence is as
follows:
– Cycle 1A: The host ASIC applies the WRITE In-
struction on the CMD[1:0] (CMD[2] = 1), using
CMDV = 1 and the address supplied on the DQ
Bus, as shown in Table 23, page 33. The host
ASIC also supplies the index to the global mask
register to mask the WRITE to the data or mask
array locations in CMD[5:3].
– Cycle 1B: The host ASIC continues to apply the
WRITE Instruction to CMD[1:0] (CMD[2] = 0)
using CMDV = 1 and the address supplied on
the DQ Bus. The host ASIC continues to supply
the GMR Index to mask the WRITE to the data
or mask array locations in CMD[5:3]. The host
ASIC selects the device where ID[4:0] matches
the DQ[25:21] = 11111.
– Cycle 2: The host ASIC drives the DQ[67:0]
with thedatatobewritten to thedataarray or
mask array location of the selected device. The
host ASIC writes the data on the DQ[67:0] bus
only to the subfield that has the corresponding
mask bit set to '1' in the global mask register
specified by the index CMD[5:3] and supplied in
Cycle 1.
– Cycles 3 to n + 1: The host ASIC drives
DQ[67:0] with the data to be written to the next
data array or mask array location (addressed by
the auto-increment AADR field of the WBUR-
REG register) of the selected device.
The host ASIC writes the data on the DQ[67:0]
bus only to the subfield that has the correspond-
ing mask bit set to '1' in the global mask register
specified by the index CMD[5:3] and supplied in
Cycle 1. The M7010R drives the EOT signal low
from Cycle 3 to Cycle n; the M7010R drives the
EOT signal highinCycle n+1(nis specifiedin
the BLEN field of the WBURREG).
– Cycle n + 2: The M7010R drives the EOT signal
low. At the termination of the Cycle n + 2, the
M7010R floats the EOT signal to a 3-state, and
a new instruction can begin.
DQ[67:26]
DQ[25:21]
DQ[20:19]
DQ[18:14]
DQ[13:0]
Reserved
ID
00: Data Array
Reserved
Do not care. These 14 bits come from the
internal register (RBURADR) which
increments for each access.
Reserved
ID
01: Mask Array
Reserved
Do not care. These 14 bits come from the
internal register (RBURADR) which
increments for each access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com