Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7010R Datasheet(PDF) 34 Page - STMicroelectronics

Part # M7010R
Description  16K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7010R Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M7010R Datasheet HTML 30Page - STMicroelectronics M7010R Datasheet HTML 31Page - STMicroelectronics M7010R Datasheet HTML 32Page - STMicroelectronics M7010R Datasheet HTML 33Page - STMicroelectronics M7010R Datasheet HTML 34Page - STMicroelectronics M7010R Datasheet HTML 35Page - STMicroelectronics M7010R Datasheet HTML 36Page - STMicroelectronics M7010R Datasheet HTML 37Page - STMicroelectronics M7010R Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 67 page
background image
M7010R
34/67
SEARCH COMMAND
The M7010R Search Engine can be configured in
three ways:
1. 68-bit
2. 136-bit
3. 272-bit
4. Mixed-sized SEARCHES on tables config-
ured with different widths
68-bit Configuration
Figure 25, page 35 shows the timing diagram for a
SEARCH operation in the 68-bit-configured table
(one device only). This illustration assumes that
the host ASIC has programmed TLSZ to '00,'
HLAT to '000,' LRAM to '1,' and LDEV to '1' in the
command register. The hardware diagram for this
search subsystem is shown in Figure 24.
– Cycle A: Thehost ASICdrives CMDV highand
applies the SEARCH command code (10) on
CMD[1:0]. CMD[5:3] must be driven by the in-
dex to the global mask register pair for use in
the SEARCH operation. CMD[8:6] signals must
be driven by the same bits that will be driven on
SADR[21:19] by this device if it has a hit.
DQ[67:0] must be driven with the data to be
compared. CMD[2] signal must be driven to log-
ic '0.'
– Cycle B: The host ASIC continues to drive
CMDV high and to apply the SEARCH com-
mand (10) on CMD[1:0]. CMD[5:2] must be driv-
en by the index of the comparand register pair
for storing the 136-bit word presented on the DQ
Bus during Cycles A and B. CMD[8:6] signals
must be driven with the index of the SSR that
will be used for storing the address of the
matching entry and the hit flag. The DQ[67:0]
continues to carry the 68-bit data to be com-
pared.
Note: In the 68-bit configuration, the host ASIC
must supply the same data on DQ[67:0] during
cycles A and B. The even and odd GMR pairs
selected for the compare must be programmed
with the same value.
The SEARCH command is a pipelined operation
and executes a SEARCH at half their rate of fre-
quency of CLK2X for 68-bit searches in x68-con-
figured tables. The latency of SADR, CE_L,
ALE_L, WE_L, SSV, and SSF
from 68-bit
SEARCH Command cycle (= two CLK2X cycles)
is shown in Table 27, page 36.
The timing diagram for all SRAM interface signals,
SSV, and SSF shift to the right for different values
of TLSZ, as specified in Table 25, page 36 and Ta-
ble 26, page 36.
In addition, SSV and SSF shift to the right for dif-
ferent values of HLAT, as specified in Table 26,
page 36.
68-bit Configuration with LDEV = 1. The
de-
vice is configured to be the last in the depth-cas-
caded table by setting LDEV to '1' in the Command
Register. The device with LDEV set to '1' drives
the SSF and SSV signals in cycles when all up-
stream devices do not drive these signals. The
M7010R with its LDEV Bit set drives SSF and SSV
during a search with a miss or with non-search
commands (see the LDEV Bit definition in Table
10, page 20).
68-bit Configuration with LRAM = 1. Setting
LRAM to '1' in the Command Register configures
the device to be the last on the SRAM Bus. In a cy-
cle where the upstream device does not drive the
SRAM Bus, the last device of the SRAM Bus (with
LRAM = 1) drives the bus (SADR, CE_L, WE_L,
ALE_L) when they are active. When set to '1,' the
LRAM Bit sets the default driver for the SRAM con-
trol signals (SADR, CE_L, WE_L, and ALE_L).
Figure 24. Hardware Diagram for a Table with a Single Device (68-bit Operation)
DQ[67:0]
CMDV, CMD[8:0]
SSF, SSV
SRAM
LHO[1]
BHI[2:0]
BHI[2:0]
LHI
3210
M7010R
LHO[0]
654
AI07040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com