Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7010R Datasheet(PDF) 42 Page - STMicroelectronics

Part # M7010R
Description  16K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7010R Datasheet(HTML) 42 Page - STMicroelectronics

Back Button M7010R Datasheet HTML 38Page - STMicroelectronics M7010R Datasheet HTML 39Page - STMicroelectronics M7010R Datasheet HTML 40Page - STMicroelectronics M7010R Datasheet HTML 41Page - STMicroelectronics M7010R Datasheet HTML 42Page - STMicroelectronics M7010R Datasheet HTML 43Page - STMicroelectronics M7010R Datasheet HTML 44Page - STMicroelectronics M7010R Datasheet HTML 45Page - STMicroelectronics M7010R Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 67 page
background image
M7010R
42/67
272-bit Configuration
Figure 31, page 43 shows the timing diagrams for
a SEARCH operation in the 272-bit-configured ta-
ble (CFG = 10101010) consisting of a single de-
vice for one set of parameters: TLSZ = 00, HLAT
= 001, LRAM = 1, and LDEV = 1. The hardware di-
agram for this search subsystem is shown in Fig-
ure 30.
– Cycle A: The host ASIC drives the CMDV high
and applies the SEARCH command code (10)
to CMD[1:0] signals. CMD[5:3] signals must be
driven with the index to the GMR pair for bits
[271:136] of the data being searched. DQ[67:0]
must be driven with the 68-bit data ([271:204])
to be compared to all locations “0” in the four 68-
bits-word page. The CMD[2] signal must be
driventologic '1.'
Note: CMD[2] = 1 signals that the search is a
x272-bit search. CMD[8:3] is ignored.
– Cycle B: The host ASIC continues to drive
CMDV high and continues to apply SEARCH
command
code
(10)
on
CMD[1:0].
The
DQ[67:0] is driven with 68-bit data ([203:136]) to
be compared to all locations “1” in the 68-bits-
word page.
– Cycle C: The host ASIC drives the CMDV high
and applies the SEARCH command code (10)
to CMD[1:0] signals. CMD[5:3] signals must be
driven with the index to the GMR pair for bits
[135:0] of the data being searched. CMD[8:6]
signals must be driven with the bits that will be
driven on SADR[21:19] by this device if it has a
hit. DQ[67:0] must be driven with the 68-bit data
([135:68]) to be compared to all locations “2” in
the four 68-bits-word page. The CMD[2] signal
must be driven to logic '0.'
– Cycle D: The host ASIC continues to drive
CMDV high and applies SEARCH command
code (10) on CMD[1:0]. CMD[8:6] signals must
be driven with the index of the SSR that will be
used for storing the address of the matching en-
try and hit flag (see Table 9, page 19 for a de-
scription of SSR[0:7]). The DQ[67:0] is driven
with the 68-bit data ([67:0]) to be compared to all
locations “3” in the four 68-bits-word page.
CMD[5:2] is ignored because the LEARN In-
struction is not supported for x272 tables.
Note: For 272-bit searches, the host ASIC must
supply four distinct 68-bit data words on
DQ[67:0] during Cycles A, B, C, and D. The
GMR Index in Cycle A selects a pair of GMRs
that apply to DQ data in Cycles A and B. The
GMR Index in Cycle C selects a pair of GMRs
that apply to DQ data in Cycles C and D.
The SEARCH command is a pipelined operation
that executes searches at one-fourth the rate of
the frequency of CLK2X for 272-bit searches in
x272-bit-configured tables. The latency of SADR,
CE_L, ALE_L, WE_L, SSV, and SSF from the
272-bit SEARCH command (measured in CLK cy-
cles) from the CLK2X cycle that contains the C
and D cycles is shown in Table 33, page 44.
The timing diagram for all SRAM interface signals,
SSV, and SSF shift to the right for different values
of TLSZ, as specified in Table 31, page 44.
In addition, SSV and SSF shift to the right for dif-
ferent values of HLAT, as specified in Table 32,
page 44.
In the 272-bit configuration, SEARCH takes two
CLK cycles. The result of the SEARCH operation
appears as an SRAM READ Cycle with a pipelined
latency measured from the second cycle of the
command, as specified in Table 33, page 44.
Figure 30. Hardware Diagram for a Table with One Device (272-bit Operation)
DQ[67:0]
CMDV, CMD[8:0]
SSF, SSV
SRAM
LHO[1]
BHI[2:0]
BHI[2:0]
LHI
3210
M7010R
LHO[0]
654
AI07040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com