Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7010R Datasheet(PDF) 35 Page - STMicroelectronics

Part # M7010R
Description  16K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7010R Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M7010R Datasheet HTML 31Page - STMicroelectronics M7010R Datasheet HTML 32Page - STMicroelectronics M7010R Datasheet HTML 33Page - STMicroelectronics M7010R Datasheet HTML 34Page - STMicroelectronics M7010R Datasheet HTML 35Page - STMicroelectronics M7010R Datasheet HTML 36Page - STMicroelectronics M7010R Datasheet HTML 37Page - STMicroelectronics M7010R Datasheet HTML 38Page - STMicroelectronics M7010R Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 67 page
background image
35/67
M7010R
Figure 25. 68-Bit Configuration SEARCH Timing Diagram (One Device)
Cycle
1
Cycle
2
Cycle
3
Cycle
4
Cycle
5
Cycle
7
Cycle
6
Cycle
8
Cycle
10
Cycle
9
CLK2X
CMDV
CMD[1:0]
ALE_L, CE_L
WE_L
OE_L
SADR[21:0]
SSV
SSF
CMD[8:2]
PHS_L
AI04286
A
B
A
B
A
B
A
B
DQ
D1
D2
D3
A1
1
1
11
11
11
11
0
0
0
0
0
0
0
0
0
1
0
0
0
A3
D4
01
01
01
01
Hit
Miss
Hit
Miss
CFG = 00000000, HLAT = 000, TLSZ = 00, LRAM = 1, LDEV = 1
Search1
Search2
Search3
Search4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com