Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7010R Datasheet(PDF) 24 Page - STMicroelectronics

Part # M7010R
Description  16K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7010R Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M7010R Datasheet HTML 20Page - STMicroelectronics M7010R Datasheet HTML 21Page - STMicroelectronics M7010R Datasheet HTML 22Page - STMicroelectronics M7010R Datasheet HTML 23Page - STMicroelectronics M7010R Datasheet HTML 24Page - STMicroelectronics M7010R Datasheet HTML 25Page - STMicroelectronics M7010R Datasheet HTML 26Page - STMicroelectronics M7010R Datasheet HTML 27Page - STMicroelectronics M7010R Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 67 page
background image
M7010R
24/67
The NFA Register
Bit [0] of each 68-bit data entry is a special bit des-
ignated for use in the operation of the LEARN
command. In 68-bit configurations, the Bit[0] indi-
cates whether a location is full (bit set to '1') or
empty (bit set to '0'). Every WRITE/LEARN com-
mand loads the address of first 68-bit location that
contains a “0” in the entry’s Bit[0]. This is stored in
the NFA register. If all the bits in a device are set
to '1,' the M7010R asserts FULO[1:0] to '1.'
In a 136-bit configuration, the LSB of this register
is always set to '0.' The host ASIC must set Bit 0
and Bit 68 in a 136-bit word to either '0' or '1' to in-
dicate full/empty status for a 136-bit entry.
Note: Both Bits 0 and Bit 68 must be set to '0' or
'1' (e.g., '10' or '01' settings are invalid).
Table 14. NFA Register
SEARCH ENGINE ARCHITECTURE
The M7010R consists of 16k x 68-bit storage cells
referred to as “data bits.” There is a mask cell cor-
responding to each data cell. Figure 17 shows the
three organizations of the device based on the val-
ue of CFG bits in the COMMAND register.
During a SEARCH operation, the SEARCH Data
Bit(S),Data Array Bit(D),Mask Array Bit (M) and
the Global Mask Bit (G) are used in the following
manner to generate a match at that bit position
(see Table 15, page 25).
The entry with all matched bit positions results in a
successful search in the M7010R. In order for a
successful SEARCH to make the device the local
winner in the SEARCH operation, all 68-bit posi-
tions within a device must generate a match for a
68-bit entry in 68-bit-configured quadrants, or all
136-bit positions must generate a match for two
consecutive even and odd 68-bit entries in quad-
rants configured as 136 bits, or all 272-bit posi-
tions must generate a match for four consecutive
entries aligned to four entry-page boundaries of
68-bit entries in quadrants configured as 272 bits.
An arbitration mechanism using a cascade bus de-
termines the global winning device among the lo-
cal winning devices in a SEARCH cycle. The
global winning device drives the SRAM bus, SSV,
and The SSF signals. In the case of a SEARCH
failure, the device(s) with LDEV and LRAM bits set
drive the SRAM bus, SSF, and SSV signals.
The M7010R may be partitioned into up to four (4)
quadrants of different widths (e.g., 34, 68, 136, or
272 bits), even within the same chip (see Applica-
tion Notes AN1338 and AN1339). Figure 18 shows
a sample configuration of different widths.
Data and Mask Addressing
Figure 19, page 26 shows the M7010R data array
and mask array addressing procedure. The data
array and mask array addresses differ only in one
bit in the address cycle of the READ and WRITE
commands.
Address
67 - 14
13 - 0
60
Reserved
Index



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com