Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7010R Datasheet(PDF) 19 Page - STMicroelectronics

Part # M7010R
Description  16K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7010R Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M7010R Datasheet HTML 15Page - STMicroelectronics M7010R Datasheet HTML 16Page - STMicroelectronics M7010R Datasheet HTML 17Page - STMicroelectronics M7010R Datasheet HTML 18Page - STMicroelectronics M7010R Datasheet HTML 19Page - STMicroelectronics M7010R Datasheet HTML 20Page - STMicroelectronics M7010R Datasheet HTML 21Page - STMicroelectronics M7010R Datasheet HTML 22Page - STMicroelectronics M7010R Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 67 page
background image
19/67
M7010R
Figure 13. Comparand Register Selection
During SEARCH and LEARN
Figure 14. Addressing the Global Mask
Register (GMR) Array
SEARCH-Successful Registers
The device contains eight SEARCH-successful
registers (SSRs) to hold the index of the location
where a successful search occurred. The format of
each register is described in Table 9. The
SEARCH command specifies which SSR stores
the index of a specific SEARCH command in “Cy-
cle B” of the SEARCH Instruction.
After the index location is specified, the host ASIC
can use this register to access that data array,
mask array, or external SRAM using the index as
part of the address (see SRAM ADDRESSING,
page 58). The device with a valid bit set performs
a READ or WRITE operation. All other devices
suppress the operation.
Table 9. SEARCH-Successful Register (SSR) Description
135
0
68
68
1
0
3
2
5
4
7
6
30
31
0
15
1
Address
Index
AI04275
135
0
68
68
1
0
3
2
5
4
7
6
9
8
11
10
13
12
15
14
0
1
6
7
2
5
4
3
Address
Index
AI04276
SEARCH and WRITE Command
Global Mask Selection
Field
Range
Initial Value
Description
INDEX
[13:0]
X
Index. This is the address of the 68-bit entry where a successful search
occurs. The device updates this field if it has a successful search. In 136-bit,
the LSB is '0;' in a 272-bit configuration, the two LSBs are '00.' The index
updates if the device is either a local or global winner in a SEARCH
operation.
[30:14]
0
Reserved.
VALID
[31]
0
Valid. The device sets this bit to '1' if it is a global winner (first device
downstream with a hit) in a SEARCH operation, in a depth-cascaded
configuration.
[67:32]
0
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com