Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7010R Datasheet(PDF) 1 Page - STMicroelectronics

Part # M7010R
Description  16K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7010R Datasheet(HTML) 1 Page - STMicroelectronics

  M7010R Datasheet HTML 1Page - STMicroelectronics M7010R Datasheet HTML 2Page - STMicroelectronics M7010R Datasheet HTML 3Page - STMicroelectronics M7010R Datasheet HTML 4Page - STMicroelectronics M7010R Datasheet HTML 5Page - STMicroelectronics M7010R Datasheet HTML 6Page - STMicroelectronics M7010R Datasheet HTML 7Page - STMicroelectronics M7010R Datasheet HTML 8Page - STMicroelectronics M7010R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
1/67
July 2002
M7010R
16K x 68-bit Entry NETWORK SEARCH ENGINE
FEATURES SUMMARY
s
16K ENTRIES IN 68-BIT MODE
s
TABLE MAY BE PARTITIONED INTO UP TO
FOUR (4) QUADRANTS
(Data entry width in each quadrant is config-
urable as 34, 68, 136, or 272 bits.)
s
UP TO 83 MILLION SUSTAINED SEARCHES
PER SECOND IN 68-BIT and 136-BIT
CONFIGURATIONS
s
UP TO 41.5 MILLION SEARCHES PER
SECOND IN 34-BIT and 272-BIT
CONFIGURATIONS
s
SEARCHES ANY SUB-FIELD IN A SINGLE
CYCLE
s
OFFERS BIT-BY-BIT and GLOBAL MASKING
s
SYNCHRONOUS, PIPELINED OPERATION
s
UP TO 31 SEARCH ENGINES CASCADABLE
WITHOUT PERFORMANCE DEGRADATION
s
WHEN CASCADED, THE DATABASE
ENTRIES CAN SCALE FROM 124K to 992K
DEPENDING ON THE SIZE OF THE ENTRY
s
GLUELESS INTERFACE TO INDUSTRY-
STANDARD SRAMS
s
SIMPLE HARDWARE INSTRUCTION
INTERFACE
s
IEEE 1149.1 TEST ACCESS PORT
s
OPERATING SUPPLY VOLTAGES INCLUDE:
VDD (Operating Supply Voltage) = 1.8V
VDDQ (Operating Supply Voltage for I/O) = 2.5
or 3.3V
s
272 BALL, 27mm x 27mm, CAVITY-UP BGA
Figure 1. 272-ball PBGA Package
272 PBGA
27mm x 27mm
1.27mm ball pitch


Similar Part No. - M7010R

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
M701 SENSATA-M701 Datasheet
222Kb / 2P
DC MOTOR CONTROLLER
logo
Harwin Plc
M701-330442 HARWIN-M701-330442 Datasheet
60Kb / 1P
USB B TYPE FEMALE DIP 180
M701-340542 HARWIN-M701-340542 Datasheet
427Kb / 1P
MINI USB B TYPE FEMALE TYPE R/A SMD TYPE 5 PINS
M701-370442 HARWIN-M701-370442 Datasheet
64Kb / 1P
USB B TYPE FEMALE SMT
logo
Enercon Technologies Eu...
M7017 ENERCON-M7017 Datasheet
592Kb / 6P
M7017 SERIES DC/DC POWER SUPPLY
Jul 20, 2022
More results

Similar Description - M7010R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M7020R STMICROELECTRONICS-M7020R Datasheet
996Kb / 150P
32K x 68-bit Entry NETWORK SEARCH ENGINE
14-Nov-2001
M7040N STMICROELECTRONICS-M7040N Datasheet
1Mb / 159P
64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
10-May-2002
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
NETWORK SEARCH ENGINE
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
NETWORK SEARCH ENGINE 32K x 72 Entries
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
Network Search Engine
logo
Integrated Device Techn...
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
Network Search Engine 256K x 72 Entries
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
NETWORK SEARCH ENGINE
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
Network Search Engine
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com