Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7010R Datasheet(PDF) 27 Page - STMicroelectronics

Part # M7010R
Description  16K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7010R Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M7010R Datasheet HTML 23Page - STMicroelectronics M7010R Datasheet HTML 24Page - STMicroelectronics M7010R Datasheet HTML 25Page - STMicroelectronics M7010R Datasheet HTML 26Page - STMicroelectronics M7010R Datasheet HTML 27Page - STMicroelectronics M7010R Datasheet HTML 28Page - STMicroelectronics M7010R Datasheet HTML 29Page - STMicroelectronics M7010R Datasheet HTML 30Page - STMicroelectronics M7010R Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 67 page
background image
27/67
M7010R
COMMAND CODES AND PARAMETERS
A master device, such as an ASIC controller, is-
sues commands to the M7010R using the CMDV
signal and the CMD Bus. The following subsec-
tions describe the functions of the commands.
Command Codes
The M7010R implements four basic commands
shown in Table 16. The Command code must be
presented to CMD[1:0] while keeping the com-
mand valid (CMDV) signal high for two CLK2X cy-
cles. These two CLK2X cycles are designated as
“Cycle A” and “Cycle B.” The CMD[8:2] field pass-
es the parameters of the command in CLK2X Cy-
cles A and B. The controller ASIC must align the
instructions with the CLK2X signal.
Commands and Command Parameters
Table 17 lists the CMD bus fields that contain the
M7010R command parameters as well as their re-
spective cycles.
Table 16. Command Codes
Table 17. Command Parameters
Note: The SRAM Address Bit SADR [19] in the command bit C6 will not be passed to the SRAM (see Table 28).
1. The 272-bit configuration does not support the LEARN Instruction.
CMD Code
Command
Description
00
READ
Reads one of the following: data array, mask array, device registers, or external
SRAM.
01
WRITE
Writes one of the following: data array, mask array, device registers, or external
SRAM.
10
SEARCH
Searches the data array for a desired pattern using the specified register from the
global mask register array and local mask associated with each data cell.
11
LEARN
The device has internal storage for up to 16 comparands that it can learn. The
device controller can insert these entries at the next free address (as specified by
the NFA register) using the LEARN Instruction.
Cmd
Cyc
8
7
6
5
4
3
2
1
0
READ
A
SADR[21]
SADR[20]
SADR[19]
0
0
0
0 = Single
1 = Burst
00
B0
0
0
0
0
0
0 = Single
1 = Burst
00
WRITE
A
SADR[21]
SADR[20]
SADR[19]
GMR Index[2:0]
0 = Single
1 = Burst
01
B
0
0
0
GMR Index[2:0]
0 = Single
1 = Burst
01
SEARCH
A
SADR[21]
SADR[20]
SADR[19]
GMR Index[2:0]
68-bit or 136-bit: 0
272-bit:
1 in 1st Cycle
0 in 2nd Cycle
10
B
Successful SEARCH Register Index[2:0]
Comparand Register Index
1
0
LEARN
(1)
A
SADR[21]
SADR[20]
SADR[19]
Comparand Register Index
1
1
B0
0
Mode
0: 68-bit
1: 136-bit
Comparand Register Index
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com