Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7010R Datasheet(PDF) 17 Page - STMicroelectronics

Part # M7010R
Description  16K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7010R Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M7010R Datasheet HTML 13Page - STMicroelectronics M7010R Datasheet HTML 14Page - STMicroelectronics M7010R Datasheet HTML 15Page - STMicroelectronics M7010R Datasheet HTML 16Page - STMicroelectronics M7010R Datasheet HTML 17Page - STMicroelectronics M7010R Datasheet HTML 18Page - STMicroelectronics M7010R Datasheet HTML 19Page - STMicroelectronics M7010R Datasheet HTML 20Page - STMicroelectronics M7010R Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 67 page
background image
17/67
M7010R
Address Latch Enable (ALE_L). When this sig-
nal is low, the addresses on the SRAM address
bus have been validated. When more than one de-
vice is cascaded, the ALE_L of all devices must be
connected.
Local Hit In (LHI[6:0]). These
pins depth-cas-
cade the device to form a larger table size. One
signal of this bus is connected to the LHO[1] or
LHO[0] of each of the upstream devices in a block.
Connect all unused LHI pins to a logic '0.' (For
more
information,
see
DEPTH-CASCADING,
page 52.)
Local Hit Out (LHO[1:0]). LHO[1] and
LHO[0]
are the same logical signal. LHO[1] or LHO[0] is
connected to one input of the LHI bus of up to four
downstream devices (in a block that contains up to
eight devices; for more information, see DEPTH-
CASCADING, page 52.)
Block Hit In (BHI[2:0]). Inputs from the previous
BHO[2:0] are tied to the BHI[2:0] of the current de-
vice (see DEPTH-CASCADING, page 52). In a
four-block system, the last block can contain only
seven devices because the ID code 11111 is used
for broadcast access.
Block Hit Out (BHO[2:0]). Outputs from the cur-
rent device are connected to the BHI[2:0] of the
next device (see DEPTH-CASCADING, page 52).
Full In (FULI[6:0]). Each signal in this bus is con-
nected to FULO[0] or FULO[1] of an upstream de-
vice to generate the FULL flag for the depth-
cascaded block. For more information, see
DEPTH-CASCADING, page 52 to Generate Full
for a Block Section.
Full Out (FULO[1:0]). FULO[1] and FULO[0] are
the same logical signal. One of these two signals
must be connected to the FULI of up to four down-
stream devices in a depth-cascaded table. Bit [0]
in the data array indicates if the entry is full (1) or
empty (0).This signal is asserted if all of the bits in
the data array are '1s.' Refer to Depth-Cascading
to Generate a “FULL” State for a Block, page 52.
Full Flag (FULL). When asserted, this signal in-
dicates that the table consisting of many depth-
cascaded devices is full.
Device Identification (ID[4:0]). The
binary-en-
coded device ID for a depth-cascaded system
starts at 00000 and goes up to 11110. 11111 is re-
served for a special broadcast address that se-
lects all cascaded (silicon) Search Engines in the
system. On a broadcast read-only, the device with
the LDEV Bit set to '1' responds.
Test Data In (TDI). This is the Test Access Port’s
Test Data In.
Test Clock (TCK). This is the Test Access Port’s
Test Clock.
Test Data Out (TDO). This is the Test Access
Port’s Test Data Out.
Test Mode Select (TMS). This is the Test Ac-
cess Port’s Test Mode Select.
Test Reset (TRST_L). This is the Test Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com