Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7010R Datasheet(PDF) 62 Page - STMicroelectronics

Part # M7010R
Description  16K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7010R Datasheet(HTML) 62 Page - STMicroelectronics

Back Button M7010R Datasheet HTML 58Page - STMicroelectronics M7010R Datasheet HTML 59Page - STMicroelectronics M7010R Datasheet HTML 60Page - STMicroelectronics M7010R Datasheet HTML 61Page - STMicroelectronics M7010R Datasheet HTML 62Page - STMicroelectronics M7010R Datasheet HTML 63Page - STMicroelectronics M7010R Datasheet HTML 64Page - STMicroelectronics M7010R Datasheet HTML 65Page - STMicroelectronics M7010R Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 67 page
background image
M7010R
62/67
Table 36. Right-Shift of SRAM Signals for TLSZ
Values
Table 37. Right-Shift of SRAM Signals for
HLAT Values
JTAG (1149.1) TESTING
The M7010R supports the Test Access Port (TAP)
and Boundary Scan Architecture as specified in
the IEEE JTAG standard 1149.1. The pin interface
to the chip consists of five signals with the stan-
dard definitions: TCK, TMS, TDI, TDO, and
TRST_L. Table 38, page 62 describes the opera-
tions that the test access port controller supports.
Table 39 shows the TAP Device ID Register.
Note: To disable JTAG functionality, connect the
TCK, TMS, and TDI pins to VDDQ through a pull-
up, and the TRST_L to ground through a pull-
down.
Table 38. Test Access Port Controller Instructions
Table 39. TAP Device ID Register
TLSZ
Number of CLK Cycles
00
0
01
1
10
2
HLAT
Number of CLK Cycles
000
0
001
1
010
2
011
3
100
4
101
5
110
6
111
7
Instruction
Type
Description
SAMPLE/PRELOAD
Mandatory
Sample/Preload. Loads the values of signals going to and from IO
pins into the boundary scan shift register to provide a snapshot of the
normal functional operation.
EXTEST
Mandatory
External Test. Uses boundary scan values shifted in from TAP to test
connectivity external to the device.
INTEST
Optional
Internal Test. Allows slow-speed, functional testing of the device
using the boundary scan register to provide the I/O values.
Field
Range
Initial Value
Description
Revision
[31:28]
0001
Revision Number. This is the current device revision number.
Numbers start from one and increment by one for each revision of the
device.
Part #
[27:12]
0000 0000 0000 0001 This is the part number for this device.
MFID
[11:1]
000_1101_1100
Manufacturer ID. This field is the same as the manufacturer ID used
in the TAP controller.
LSB
[0:0]
1
Least Significant Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com