Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7010R Datasheet(PDF) 63 Page - STMicroelectronics

Part # M7010R
Description  16K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7010R Datasheet(HTML) 63 Page - STMicroelectronics

Back Button M7010R Datasheet HTML 59Page - STMicroelectronics M7010R Datasheet HTML 60Page - STMicroelectronics M7010R Datasheet HTML 61Page - STMicroelectronics M7010R Datasheet HTML 62Page - STMicroelectronics M7010R Datasheet HTML 63Page - STMicroelectronics M7010R Datasheet HTML 64Page - STMicroelectronics M7010R Datasheet HTML 65Page - STMicroelectronics M7010R Datasheet HTML 66Page - STMicroelectronics M7010R Datasheet HTML 67Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 63 / 67 page
background image
63/67
M7010R
POWER DISTRIBUTION GUIDELINE
In order to prevent voltage supply sags that can
potentially degrade device performance, large by-
pass capacitors are often recommended. Since
the bulk storage not only contains an effective se-
ries resistance, but also a fairly high inductance,
the large bypass capacitors should be assisted by
other capacitors that have a lower inductance (but
typically less capacitance). These high frequency
capacitors control the switching transients and
hold-over the power planes during an average
load change until the higher inductance capacitors
can react. High frequency bypass capacitors are
used having values of 0.01uF and 0.1uF.
For a single Search Engine application, a recom-
mended power plane and ground plane may be
laid out as follows:
– A 1000uF bulk capacitor is recommended for
the 1.8V VDD source supply.
– A 100uF bulk capacitor is recommended for
the 3.3V VDDQ source supply.
– Four sets of 0.1uF and 0.01uF high frequency
capacitors are recommended between VDD,
VDDQ and ground.
Multiple bulk and high frequency capacitors may
also be required. Users can determine the values
of such capacitors after computing, based on their
system and power supply environment. The de-
vice should achieve the search performance as
specified with the bypass capacitors.
This application note is a general guideline for
Search Engine Design. For more detailed informa-
tion, please refer to Intel Website for Appnote AP-
912, Pentium III Xeon Processor Power Distribu-
tion Guidelines. (http://support.intel.com/design/
pentiumiii/xeon/applnots/245095.htm).
Figure 45. Network Search Engine Power Distribution
AI04297
GND
VDDQ
VDDQ
VDD
VDD
VDDQ
Source
VDDQ
Source
100µF
1000µF
0.1µF
0.01µF
0.01µF
0.1µF
0.01µF
0.01µF
0.1µF
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com