Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7010R Datasheet(PDF) 23 Page - STMicroelectronics

Part # M7010R
Description  16K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7010R Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M7010R Datasheet HTML 19Page - STMicroelectronics M7010R Datasheet HTML 20Page - STMicroelectronics M7010R Datasheet HTML 21Page - STMicroelectronics M7010R Datasheet HTML 22Page - STMicroelectronics M7010R Datasheet HTML 23Page - STMicroelectronics M7010R Datasheet HTML 24Page - STMicroelectronics M7010R Datasheet HTML 25Page - STMicroelectronics M7010R Datasheet HTML 26Page - STMicroelectronics M7010R Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 67 page
background image
23/67
M7010R
The Information Register
Table 11. Information Register Field Descriptions
The READ Burst Address Register
(RBURREG)
These READ burst address register fields must be
programmed before burst READ (see Table 12).
The WRITE Burst Address Register
(WBURREG)
These WRITE burst address register fields must
be programmed before burst WRITE (see Table
13).
Table 12. READ Burst Register Description
Table 13. WRITE Burst Register Description
Field
Range
Initial Value
Description
Revision
[3:0]
0001
Revision Number. This is the current device revision number. Numbers start
from one and increment by one for each revision of the device.
Implemen-
tation
[6:4]
000
This is the M7010R implementation number.
Reserved
[7]
0
Reserved.
Device ID
[15:8]
00000001
This is the Device Identification Number.
MFID
[31:16]
1101_1100_
0111_1111
Manufacturer ID. This field is the same as the manufacturer ID and
continuation bits.
[67:32]
Reserved.
Field
Range
Initial Value
Description
AADR
[13:0]
0
Address. This is the starting address of the data array or mask array during
a burst READ operation. It automatically increments by 1 for each
successive read of the data array or mask array. Once the operation is
complete, the contents of this field must be reinitialized for the next
operation.
[18:14]
Reserved.
BLEN
[27:19]
0
Length of Burst Access. The device provides the capability to read from 4
up to 511 locations in a single burst. The BLEN decrements automatically.
Once the operation is complete, the contents of this field must be reinitialized
for the next operation.
[67:28]
Reserved.
Field
Range
Initial Value
Description
AADR
[13:0]
0
Address. This is the starting address of the data array or mask array during
a burst WRITE operation. It automatically increments by 1 for each
successive write of the data array or mask array.It increments by 1 for each
successive read of the data array or mask array. Once the operation is
complete, the contents of this field must be reinitialized for the next
operation.
[18:14]
Reserved.
BLEN
[27:19]
0
Length of Burst Access. The device provides the capability to write from 4
up to 511 locations in a single burst. The BLEN decrements automatically.
Once the operation is complete, the contents of this field must be reinitialized
for the next operation.
[67:28]
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com