Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7010R Datasheet(PDF) 60 Page - STMicroelectronics

Part # M7010R
Description  16K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7010R Datasheet(HTML) 60 Page - STMicroelectronics

Back Button M7010R Datasheet HTML 56Page - STMicroelectronics M7010R Datasheet HTML 57Page - STMicroelectronics M7010R Datasheet HTML 58Page - STMicroelectronics M7010R Datasheet HTML 59Page - STMicroelectronics M7010R Datasheet HTML 60Page - STMicroelectronics M7010R Datasheet HTML 61Page - STMicroelectronics M7010R Datasheet HTML 62Page - STMicroelectronics M7010R Datasheet HTML 63Page - STMicroelectronics M7010R Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 67 page
background image
M7010R
60/67
SRAM WRITE. Enables WRITE access to the off-
chip SRAM containing associative data. The laten-
cy from the second cycle of the WRITE Instruction
to the address appearing on the SRAM bus is the
same as the latency of the SEARCH Instruction,
and will depend on the TLSZ value parameter pro-
grammed into the device configuration register.
Note: SRAM WRITE is a pipelined operation - new
instruction can begin right after the previous com-
mand has ended. The following explains the
SRAM WRITE operation accomplished through a
table of only one device with the following param-
eters: TLSZ = 00, HLAT = 000, LRAM = 1, and
LDEV = 1. Figure 44, page 61 shows the timing di-
agram. For the following description, the selected
device refers to the only device in the table as this
is the only device that will be accessed.
– Cycle 1A:The host ASIC applies the WRITE In-
struction on CMD[1:0] using CMDV = 1. The DQ
Bus supplies the address, with DQ[20:19] set to
“10,” to select the SRAM address. The host
ASIC selects the device for which the ID[4:0]
matches the DQ[25:21] lines. The host ASIC
also supplies SADR[21:19] on CMD[8:6] in this
cycle.
Note: CMD[2] must be set to '0' for SRAM
WRITE, because burst WRITES into the SRAM
are not supported.
– Cycle 1B: The host ASIC continues to apply the
WRITE InstructiononCMD[1:0] using CMDV =
1. The DQ Bus supplies the address with
DQ[20:19] set to “10” to select the SRAM ad-
dress.
Note: CMD[2] must be set to '0' for SRAM
WRITE, because burst WRITES into the SRAM
are not supported.
– Cycle 2: The host ASIC continues to drive
DQ[67:0]. The data in this cycle is not used by
the M7010R.
– Cycle 3: The host ASIC continues to drive
DQ[67:0]. The data in this cycle is not used by
the M7010R.
At the end of Cycle 3, a new command can begin.
The WRITE is a pipelined operation; however, the
WRITE cycle appears at the SRAM bus with the
same latency as the SEARCH Instruction (as mea-
sured from the second cycle of the WRITE com-
mand).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com