Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7010R Datasheet(PDF) 33 Page - STMicroelectronics

Part # M7010R
Description  16K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7010R Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M7010R Datasheet HTML 29Page - STMicroelectronics M7010R Datasheet HTML 30Page - STMicroelectronics M7010R Datasheet HTML 31Page - STMicroelectronics M7010R Datasheet HTML 32Page - STMicroelectronics M7010R Datasheet HTML 33Page - STMicroelectronics M7010R Datasheet HTML 34Page - STMicroelectronics M7010R Datasheet HTML 35Page - STMicroelectronics M7010R Datasheet HTML 36Page - STMicroelectronics M7010R Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 67 page
background image
33/67
M7010R
Table 22. (Single) WRITE Address Format for Data and Mask Arrays or SRAM
Note: 1. “|” stands for logical OR operation, and “{}” stands for concatenation operator.
Table 23. WRITE Address Format for Internal Registers
Table 24. WRITE Address Format for Data and Mask Array (Burst WRITE)
DQ
[67:30]
DQ
[29]
DQ
[28:26]
DQ
[25:21]
DQ
[20:19]
DQ
[18:14]
DQ
[13:0]
Reserved
0: Direct
1: Indirect
Successful
SEARCH
Register Index
(Applicable if
DQ[29] is
indirect)
ID
00: Data
Array
Reserved
If DQ[29] is '0,' this field carries the
address of the data array location.
If DQ[29] is '1,' the SSR specified on
DQ[28:26] is used to generate the
address of the data array location:
{SSR[13:2], SSR[1] | DQ[1], SSR[0]
| DQ[0]}.(1)
Reserved
0: Direct
1: Indirect
Successful
SEARCH
Register Index
(Applicable if
DQ[29] is
indirect)
ID
01: Mask
Array
Reserved
If DQ[29] is '0,' this field carries
address of the mask array location.
If DQ[29] is '1,' the SSR specified on
DQ[28:26] is used to generate the
address of the data array location:
{SSR[13:2], SSR[1] | DQ[1], SSR[0]
| DQ[0]}.(1)
Reserved
0: Direct
1: Indirect
Successful
SEARCH
Register Index
(Applicable if
DQ[29] is
indirect)
ID
10: External
SRAM
Reserved
If DQ[29] is '0,' this field carries
address of the data SRAM location.
If DQ[29] is '1,' the SSR specified on
DQ[28:26] is used to generate the
address of the data array location:
{SSR[13:2], SSR[1] | DQ[1], SSR[0]
| DQ[0]}.(1)
DQ[67:26]
DQ[25:21]
DQ[20:19]
DQ[18:6]
DQ[5:0]
Reserved
ID
11: Register
Reserved
Register address
DQ
[67:26]
DQ
[25:21]
DQ
[20:19]
DQ
[18:14]
DQ
[13:0]
Reserved
ID
00: Data array
Reserved
Don’t care. These 14 bits come from the
internal register (WBURADR), which
increments with each access.
Reserved
ID
01: Mask array
Reserved
Don’t care. These 14 bits come from the
internal register (WBURADR), which
increments with each access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com