Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7010R Datasheet(PDF) 11 Page - STMicroelectronics

Part # M7010R
Description  16K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7010R Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M7010R Datasheet HTML 7Page - STMicroelectronics M7010R Datasheet HTML 8Page - STMicroelectronics M7010R Datasheet HTML 9Page - STMicroelectronics M7010R Datasheet HTML 10Page - STMicroelectronics M7010R Datasheet HTML 11Page - STMicroelectronics M7010R Datasheet HTML 12Page - STMicroelectronics M7010R Datasheet HTML 13Page - STMicroelectronics M7010R Datasheet HTML 14Page - STMicroelectronics M7010R Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
11/67
M7010R
DC AND AC PARAMETERS
This section summarizes the operating and mea-
surement conditions, as well as the DC and AC
characteristics of the device. The parameters in
the following DC and AC Characteristic tables are
derived from tests performed under the Measure-
ment Conditions listed in the relevant tables. De-
signers should check that the operating conditions
in their projects match the measurement condi-
tions when using the quoted parameters.
Table 4. DC and AC Measurement Conditions
Note: 1. Maximum allowable applies to overshoot only (VDDQ is 3.3V supply).
2. Minimum allowable applies to undershoot only.
Sym
Parameter
M7010R 2.5V
M7010R 3.3V
Units
VDD
VDD Operating Supply Voltage
1.7 to 1.9
1.7 to 1.9
V
VDDQ VDDQ Voltage for I/O
2.4 to 2.6
3.1 to 3.5
V
tA
Ambient Operating Temperature
0 to 70
0 to 70
°C
CL
Load Capacitance
6
6
pF
VIH
Input High Voltage(1)
1.7 to
VDDQ +0.3
2.0 to
VDDQ + 0.3
V
VIL
Input Low Voltage(2)
–0.3 to 0.7
–0.3 to 0.8
V
Supply Voltage Tolerance
±5
±5
%
tR,tF
Input Rise and Fall Times
(at 0.3V and 2.7V)
≤ 2 (see Figure 6, page 12)
≤ 2 (see Figure 9, page 12)
ns
Input Timing Reference Levels
1.25
1.5
V
Output Timing Reference Levels
1.25
1.5
V
Input Pulse Voltages
GND to 2.5
GND to 3.3
V
Input and Output Timing Ref. Voltages
(see Figure 7, page 12)
(see Figure 10, page 12)
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com