Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7010R Datasheet(PDF) 45 Page - STMicroelectronics

Part # M7010R
Description  16K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7010R Datasheet(HTML) 45 Page - STMicroelectronics

Back Button M7010R Datasheet HTML 41Page - STMicroelectronics M7010R Datasheet HTML 42Page - STMicroelectronics M7010R Datasheet HTML 43Page - STMicroelectronics M7010R Datasheet HTML 44Page - STMicroelectronics M7010R Datasheet HTML 45Page - STMicroelectronics M7010R Datasheet HTML 46Page - STMicroelectronics M7010R Datasheet HTML 47Page - STMicroelectronics M7010R Datasheet HTML 48Page - STMicroelectronics M7010R Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 67 page
background image
45/67
M7010R
272-bit Logical SEARCH
The logical 272-bit SEARCH operation is shown in
Figure 32. The entire table of 272-bit entries is
compared to a 272-bit word K (presented on the
DQ Bus in both Cycles A, B, C, and D of the com-
mand) using the GMR and the local mask bits. The
GMR is the 272-bit word specified by the two pairs
of GMRs selected by GMR Indexes in the com-
mand’s Cycles A and C. The 272-bit word K (pre-
sented on the DQ Bus in Cycles A, B, C, and D of
the command) is compared with each entry in the
tablestartingat location “0.”
The first matching entry’s location, address “L,” is
the winning address that is driven as part of the
SRAM address on the SADR[21:0] lines.
Note: The matching address is always going to be
location “0” in a four-entry page for a 272-bit
SEARCH (two LSBs of the matching index will be
“00”).
Figure 32. x272 Table with One Device
CFG = 10101010
0
4
8
12
16380
(272-bit Configuration)
Location
address
L
271
0
KA
B
C
D
GMR
0
1
23
271
0
AI07044
(First matching entry)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com